Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 1 Page - Analog Devices

  ADA4356 Datasheet HTML 1Page - Analog Devices ADA4356 Datasheet HTML 2Page - Analog Devices ADA4356 Datasheet HTML 3Page - Analog Devices ADA4356 Datasheet HTML 4Page - Analog Devices ADA4356 Datasheet HTML 5Page - Analog Devices ADA4356 Datasheet HTML 6Page - Analog Devices ADA4356 Datasheet HTML 7Page - Analog Devices ADA4356 Datasheet HTML 8Page - Analog Devices ADA4356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Data Sheet
ADA4356
Programmable Transimpedance, Current to Bits Receiver µModule
Rev. 0; 10/25
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2025 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
High performance, current input, data-acquisition
µModule that includes
Programmable-gain transimpedance amplifier
(PGTIA)
Fully differential amplifier (FDA)
Programmable analog low-pass filter (LPF)
14-bit 125MSPS ADC
Three selectable gains
Integrated 1.8V LDO for the ADC
Small form factor: 12.00mm × 6.00mm BGA
Operation from a single 3.3V supply
PGTIA selectable gains single 20ns pulse
sensitivity
TZ = 133kΩ, 250nA to 10µA
TZ = 11kΩ, 1µA to 100µA
TZ = 4.54kΩ, 10µA to 300µA
Optional external current divider circuit enables
current detections up to 60mA
Fast input overload recovery
Analog filter for noise reduction and anti-alias
filtering
Selectable 1.0MHz and 100MHz LPF bandwidth
Low input referred current noise: 3.5nA RMS
TZ = 133kΩ, 1MHz analog filter
14-bit ADC with sample rate up to 125MSPS
Serial LVDS data output
Serial peripheral interface (SPI) controls
Quiescent power: 546mW, LDO enabled
Temperature range: −40°C to +85°C
APPLICATIONS
Time of flight (ToF)
Current to bits conversion
Range finder
Fiber optic sensing
Optical time domain reflectometry (OTDR)
GENERAL DESCRIPTION
The ADA4356 is a low-noise, wide dynamic-range,
current input, analog-to-digital converter (ADC)
µModule. For space savings in size conscious
applications, the ADA4356 includes all the required
active and passive components to realize a complete
current-to-bits
data-acquisition
solution
with
programmable gain and filter characteristics.
The high-speed transimpedance amplifier (TIA) front-
end amplifier in the ADA4356 supports 20ns pulse
widths, which allows high spatial resolution for the
ToF measurements, and exhibits fast overdrive
recovery from large input signals. The ADA4356
includes three selectable TIA feedback resistor values
for programmable TIA gain.
An internal analog low-pass filter offers either 100MHz
or 1MHz cutoff frequencies to reduce broadband noise
and serve as an anti-aliasing filter for the ADC inputs.
For lower bandwidth signals, the 1MHz filter
configuration offers additional noise reduction.
Following the TIA and filter blocks, a 14-bit pipeline
ADC converts the analog signal at 125MSPS and
outputs the digitized signals through two serial, low
voltage, differential signaling (LVDS) data lanes
operating at rates up to 1GBPS per lane. The data
clock output (DCO) operates at frequencies of up to
500MHz and supports double data rate (DDR)
operation.
Figure 1. Simplified Block Diagram
LPF
14-BIT
ADC
LVDS LINES
FDA
0.825V
SPI LINES
2kΩ
1.65V
3.3V
VCC
VLDEN
VLD
VEA
VED
CLKP
CLKN
FSEL
INPUT
TIAREF
GND
TIA
REF
ADA4356
LDO
PROGRAMMABLE
GAIN
GSEL0 GSEL1


Similar Part No. - ADA4356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ AD-ADA4350ARUZ Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ-R7 AD-ADA4350ARUZ-R7 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4351-2 AD-ADA4351-2 Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
ADA4351-2ACPZ AD-ADA4351-2ACPZ Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
More results

Similar Description - ADA4356

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1186F LINER-LT1186F Datasheet
206Kb / 16P
DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
Eudyna Devices Inc
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
10 Gb/s Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
10Gb/s Receiver Transimpedance Amplifier
logo
Texas Instruments
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
logo
Analog Devices
ADA4355 AD-ADA4355 Datasheet
1Mb / 45P
Programmable Transimpedance, Current to Bits Receiver 關Module
Oct-2020
logo
Dialog Semiconductor
CCG1401 DIALOG-CCG1401 Datasheet
1Mb / 20P
Programmable Transimpedance Amplifier
logo
Renesas Technology Corp
CCG1401 RENESAS-CCG1401 Datasheet
1Mb / 24P
Programmable Transimpedance Amplifier
Feb 28, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com