Electronic Components Datasheet Search
  English  ▼

X  

ADA4356 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4356
Description  Programmable Transimpedance, Current to Bits Receiver μModule
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4356 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4356 Datasheet HTML 16Page - Analog Devices ADA4356 Datasheet HTML 17Page - Analog Devices ADA4356 Datasheet HTML 18Page - Analog Devices ADA4356 Datasheet HTML 19Page - Analog Devices ADA4356 Datasheet HTML 20Page - Analog Devices ADA4356 Datasheet HTML 21Page - Analog Devices ADA4356 Datasheet HTML 22Page - Analog Devices ADA4356 Datasheet HTML 23Page - Analog Devices ADA4356 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Data Sheet
ADA4356
analog.com
Rev. 0
20 of 61
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 12. Ball Configuration
Table 8. Ball Descriptions
BALL
NAME
DESCRIPTION
TYPE
A1, A8, A12,
B1, B2, B3, B4, B5, B6, B9, B10, B12,
C1, C2, C6, C7, C8, C9, C10, C11,
C12,
D1, D6, D10, D11, D12,
E2, E3, E6, E7, E9, F9
GND
Ground.
P1
A3,
C3, C4, C5,
D3, D4, D5,
F3, F4, F5, F6, F8
VCC
3.3V Power Supply.
P1
E10
VEA
1.8V Analog Power Supply to ADC.
P1
E12
VED
1.8V Digital Power Supply to ADC.
P1
F1
TIAREF
1.65V reference voltage for TIA DC Bias. See the
Extending Input Current Range section.
AO2
F12
VLD
1.8V LDO Output. Connect VLD to VEA and VED to
power the ADC from the internal LDO. Leave VLD
floating if the ADC is powered from an external
source. Do not connect VLD to external circuitry.
PO3
GND
GND
GND
GND
INPUT
TIAREF
A
B
C
D
E
F
DNC
GND
GND
DNC
GND
DNC
NOTES:
1. DO NOT CONNECT (DNC). THESE BALLS ARE RESERVED.
VCC
GND
VCC
VCC
GND
VCC
GSEL0
GND
VCC
VCC
DNC
VCC
GSEL1
GND
VCC
VCC
DNC
VCC
FSEL
GND
GND
GND
GND
VCC
DNC
DNC
GND
DNC
GND
VLDEN
GND
DNC
GND
DNC
DNC
VCC
DNC
GND
GND
DNC
GND
GND
CS
GND
GND
GND
VEA
DNC
SCLK
SDIO
GND
GND
CLKN
CLKP
GND
GND
GND
GND
VED
VLD
1
2
3
4
5
6
7
8
9
10
11
12
D0AN
D1AN
FCON
DCON
DNC
DNC
D0AP
D1AP
FCOP
DCOP
DNC
DNC
13
14
ADA4356
TOP VIEW
(BALL SIDE DOWN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com