Electronic Components Datasheet Search
  English  ▼

X  

LC320DXN Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LC320DXN Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
6 / 36
Table 2. ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Note
Min
Typ
Max
Circuit :
Power Input Voltage
V
LCD
10.8
12.0
13.2
V
DC
Power Input Current
I
LCD
-
340
445
mA
1
-
430
560
mA
2
Power Consumption
P
LCD
-
4.08
5.30
Watt
1
Rush current
I
RUSH
-
-
3.0
A
3
3. Electrical Specifications
3-1. Electrical Characteristics
Mosaic Pattern(8 x 6)
White : 255 Gray
Black : 0 Gray
It requires two power inputs. One is employed to power for the LCD circuit. The other Is used for the LED
backlight and LED Driver circuit.
1. The specified current and power consumption are under the V
LCD=12.0V, Ta=25  2°C, fV=60Hz
condition, and mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The current is specified at the maximum current pattern.
3. The duration of rush current is about 2ms and rising time of power input is 0.5ms (min.).
4. Ripple voltage level is recommended under ± 5% of typical voltage
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com