Electronic Components Datasheet Search
  English  ▼

X  

LC320DXN Datasheet(PDF) 1 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 1 Page - LG Semicon Co.,Ltd.

  LC320DXN Datasheet HTML 1Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
1 / 36
FOR
APPROVAL
SPECIFICATION
Title
32.0” WXGA TFT LCD
BUYER
MODEL
SUPPLIER
LG Display Co., Ltd.
*MODEL
LC320DXN
SUFFIX
SER1
*When you obtain standard approval,
please use the above model name without suffix
)
)
(
(
Final Specification
●
Preliminary Specification
APPROVED BY
SIGNATURE
DATE
/
/
/
Please return 1 copy for your confirmation with
your signature and comments.
SIGNATURE
DATE
J.Y.JEONG / Team Leader
S.W. KWAG/ Project Leader
D.S.KIM / Engineer
TV Product Development Dept.
LG Display Co., Ltd
REVIEWED BY
PREPARED BY
APPROVED BY


Similar Part No. - LC320DXN

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC320DXE LG-LC320DXE Datasheet
1Mb / 35P
32.0” WXGA TFT LCD
Ver. 1.2
LC320DXE-SFR1 LG-LC320DXE-SFR1 Datasheet
1Mb / 35P
32.0” WXGA TFT LCD
Ver. 1.2
More results

Similar Description - LC320DXN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T315XW01 ETC-T315XW01 Datasheet
519Kb / 22P
WXGA Color TFT-LCD Module
logo
NXP Semiconductors
LC370W01 PHILIPS-LC370W01 Datasheet
714Kb / 28P
37.0 WXGA TFT LCD
May.25, 2004
logo
LG Semicon Co.,Ltd.
LC230WX3 LG-LC230WX3 Datasheet
462Kb / 28P
Liquid Crystal Display (23.0Inch WXGA TFT LCD)
LC260W01 LG-LC260W01 Datasheet
548Kb / 27P
26.0??WXGA TFT LCD
logo
Axiomtek Co., Ltd.
P6157W AXIOMTEK-P6157W_17 Datasheet
284Kb / 2P
15.6 WXGA TFT Widescreen Industrial LCD Monitor
logo
AU Optronics Corp.,
M190PW01-V0 AUO-M190PW01-V0 Datasheet
787Kb / 28P
19 WXGA Color TFT-LCD
B141EW04V4 AUO-B141EW04V4 Datasheet
481Kb / 35P
14.1 WXGA Color TFT-LCD
logo
LG Semicon Co.,Ltd.
LC420W02 LG-LC420W02 Datasheet
1,012Kb / 28P
42.0 WXGA TFT LCD
LP141WX3 LG-LP141WX3 Datasheet
1Mb / 32P
14.1??WXGA TFT LCD
LP154W01 LG-LP154W01 Datasheet
4Mb / 27P
15.4 WXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com