Electronic Components Datasheet Search
  English  ▼

X  

LC320DXN Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LC320DXN Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 21Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 22Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
19 / 36
Measuring point for surface luminance & measuring point for luminance variation.
FIG. 2 5 Points for Luminance Measure
H
A
①
③
②
⑤
④
A : H / 4 mm
B : V / 4 mm
@ H,V : Active Area
FIG. 3 Response Time
Response time is defined as the following figure and shall be measured by switching the input signal for
“Gray(N)” and “Black or White”.
White
Gray(N)
Tr
Tf
100
90
10
0
Optical
Response
N = 0(Black)~255(White)
Gray(N)
Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com