Electronic Components Datasheet Search
  English  ▼

X  

LC320DXN Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button LC320DXN Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
9 / 36
3-2-2. Backlight Module
Pin No
Symbol
Description
Note
1
VBL
Power Supply +24.0V
2
VBL
Power Supply +24.0V
3
VBL
Power Supply +24.0V
4
VBL
Power Supply +24.0V
5
VBL
Power Supply +24.0V
6
GND
Backlight Ground
1
7
GND
Backlight Ground
8
GND
Backlight Ground
9
GND
Backlight Ground
10
GND
Backlight Ground
11
Status
Back Light Status
2
12
VON/OFF
Backlight ON/OFF control
13
NC
Don’t care
14
EXTVBR-B
External PWM
Table 5. LED DRIVER CONNECTOR PIN CONFIGURATION
Master
-LED Driver Connector
: 20022WR - H14B2(Yeonho)
-.Mating Connector
: 20022HS - 14B2 or compatible
<Master>
◆ Rear view of LCM
Notes : 1. GND should be connected to the LCD
module’s metal frame.
2. Normal : Low (under 0.7V) / Abnormal : open
3. High : on duty / Low : off duty, Pin#14 can be opened. ( if Pin #14 is open , EXTVBR-B is 100% )
4. Each impedance of pin #12 and 14 is over 50 [K
Ω] .
PCB
14
1
14
1
◆ Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com