Electronic Components Datasheet Search
  English  ▼

X  

LC320DXN Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LC320DXN Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 15Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 16Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 17Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 18Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 19Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 20Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
17 / 36
Table 10. OPTICAL CHARACTERISTICS
LCD Module
Optical Stage(x,y)
Pritchard 880 or
equivalent
50cm
Parameter
Symbol
Value
Unit
Note
Min
Typ
Max
Contrast Ratio
CR
850
1200
-
1
Surface Luminance, white
L
WH
2D
240
300
cd/m2
2
Luminance Variation
WHITE
5P
-
-
1.3
3
Response Time
Variation
G to G σ
6
9
ms
5
G to G(BW)
G to G BW
9
13
ms
4
Color Coordinates
[CIE1931]
RED
Rx
Typ
-0.03
0.649
Typ
+0.03
Ry
0.333
GREEN
Gx
0.303
Gy
0.605
BLUE
Bx
0.150
By
0.066
WHITE
Wx
0.279
Wy
0.292
Color Temperature
10,000
K
Color Gamut
68
%
Viewing
Angle
(CR>10)
2D
(CR>10)
x axis, right(
=0°)
r
89
-
-
degree
6
x axis, left (
=180°)
l
89
-
-
y axis, up (
=90°)
u
89
-
-
y axis, down (
=270°)
d
89
-
-
Gray Scale
2.2
7
FIG. 1 Optical Characteristic Measurement Equipment and Method
4. Optical Specification
Optical characteristics are determined after the unit has been ‘ON’ and stable in a dark environment at 25± 2°C.
The values are specified at distance 50cm from the LCD surface at a viewing angle of
 and  equal to 0 °.
FIG. 1 shows additional information concerning the measurement equipment and method.
Ta= 25± 2°C, V
LCD=12.0V, fV=60Hz, Dclk=72.4MHz,
EXTVBR_B=100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com