Electronic Components Datasheet Search
  English  ▼

X  

LC320DXN Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LC320DXN Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 11Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 12Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 13Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 14Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
11 / 36
0.7VDD
0.3VDD
DE, Data
3-4. Signal Timing Waveforms
tCLK
Invalid data
Valid data
Invalid data
DE(Data Enable)
0.5 Vcc
DE(Data Enable)
DCLK
tHT
tHV
1366
tVV
tVT
1
768
1
768
1366
3-4-1. LVDS Input Signal Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com