Electronic Components Datasheet Search
  English  ▼

X  

LC320DXN Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LC320DXN
Description  32.0” WXGA TFT LCD
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC320DXN Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LC320DXN Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 9Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 10Page - LG Semicon Co.,Ltd. LC320DXN Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Product Specification
LC320DXN
Ver. 1.0
7 / 36
Table 3. ELECTRICAL CHARACTERISTICS (Continue)
Notes :
1. Electrical characteristics are determined after the unit has been ‘ON’ and stable for approximately 60
minutes at 25± 2°C. The specified current and power consumption are under the typical supply Input voltage
24Vand VBR (ExtVBR-B : 100%), it is total power consumption.
2. The life time (MTTF) is determined as the time which luminance of the LED is 50% compared to that of initial
value at the typical LED current (ExtVBR-B :100%) on condition of continuous operating in LCM state at
25± 2°C.
3. LGD recommend that the PWM freq. is synchronized with One time harmonic of V_sync signal of system.
Though PWM frequency is over 120Hz (max 252Hz), function of LED Driver is not affected.
4. The duration of rush current is about 200ms. This duration is applied to LED on time.
5. Even though inrush current is over the specified value, there is no problem if I2T spec of fuse is satisfied.
6. ExtV
BR-B signal have to input available duty range and sequence.
After Driver ON signal is applied, ExtV
BR-B should be sustained from 5% to 100% more than 500ms.
After that, ExtV
BR-B 1% and 100% is possible
For more information, please see 3-6-2. Sequence for LED Driver.
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
LED Driver :
Power Supply Input Voltage
VBL
22.8
24.0
25.2
Vdc
1
Power Supply Input Current
IBL_A
-
1.6
1.7
A
Ext VBR-B = 100%
Power Supply Input Current (In-Rush)
Irush
-
-
4
A
VBL = 22.8V
Ext VBR-B = 100%
4
Power Consumption
PBL
-
38.9
41.2
W
Ext VBR-B = 100%
On/Off
On
V on
2.5
-
5.0
Vdc
Off
V off
-0.3
0.0
0.7
Vdc
Brightness Adjust
ExtVBR-B
5
-
100
%
On Duty
6
1
-
100
ExtVBR-B Frequency
PAL
100
Hz
3
NTSC
120
Hz
3
ExtVBR-B Level
High Level
2.5
-
5.0
Vdc
HIGH : on duty
LOW : off duty
Low Level
0.0
-
0.7
Vdc
LED :
Life Time
30,000
50,000
Hrs
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com