Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
7 Detailed Description
7.1 Overview
The LM5137 is a dual-channel, switching DC/DC controller that features all of the functions necessary to
implement a high-efficiency synchronous buck regulator. The device is offered from a controller family with three
options for functional safety applications: Capable, SIL 2, or SIL 3, with the latter two options designated by an
"F" suffix in the part number.
Operating over a wide input voltage range from 4V to 80V, the LM5137 is configured to provide a fixed 3.3V, 5V
or 12V output, or an adjustable output between 0.8V and 60V. This easy-to-use controller integrates high-side
and low-side MOSFET gate drivers, each capable of sourcing 2A and sinking 3A peak current. Adaptive dead-
time control is designed to minimize body diode conduction during switching transitions.
Peak current-mode control using a shunt resistor or inductor DCR current sensing provides inherent line feed
forward, cycle-by-cycle peak current limiting, and easy loop compensation. Current-mode control also supports
a wide duty cycle range for high input voltage and low-dropout applications as well as when a high voltage
conversion ratio (for example, 10-to-1) is required. The oscillator frequency is user-programmable between
100kHz to 2.2MHz, and the frequency can be synchronized as high as 2.5MHz by applying an external clock to
PFM/SYNC. A user-selectable PFM mode feature enables discontinuous conduction mode (DCM) operation to
further improve efficiency and reduce power dissipation during light-load conditions.
The LM5137 incorporates features to simplify the compliance with automotive EMI requirements (CISPR 25). An
optional spread spectrum frequency modulation (DRSS) technique reduces the peak EMI signature, while the
adaptive gate drivers minimize high-frequency emissions. Finally, 180° out-of-phase interleaved operation of the
two controller channels reduces input filtering and capacitor requirements.
The LM5137 is provided in a 36-pin VQFN package with a wettable flank pinout and an exposed pad to aid in
thermal dissipation.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com