Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
7.3 Feature Description
7.3.1 Input Voltage Range (VIN)
The LM5137 input voltage operating range is from 4V to 80V. The device is intended for step-down conversions
from 12V, 24V and 48V automotive supply rails. The circuit in Figure 7-1 shows the essential components to
implement an LM5137 based wide-VIN dual-output buck regulator using a single input supply.
The LM5137 uses an internal LDO subregulator to provide a 5V VCC bias rail for the gate drive and control
circuits (assuming the input voltage is higher than 5V plus the necessary subregulator dropout specification).
There is also an integrated 20µA charge pump always active in LM5137. As VIN approaches the VOUT setpoint,
the 20µA charge pump charges the CBOOT and keeps the high-side MOSFET on, thus achieving true 100% duty
cycle. This action allows for the lowest possible dropout voltage from input to output.
RT
RSS
PFM/SYNC
AGND
COMP2
VOUT2
ISNS2+
LO2
SW2
HO2
CBOOT2
VIN
COMP1
BIAS1/VOUT1
ISNS1+
LO1
SW1
HO1
CBOOT1
VCC
FB1
VDDA
FB2
SYNCOUT
CFNG
EN1
EN2
PG2
PG1
V
IN
L
O1
C
OUT2
C
IN1
C
VDDA
L
O2
C
OUT1
R
S2
R
S1
Q
2
Q
1
R
SS
R
RT
R
CNFG
Q
4
Q
3
C
VCC
C
BOOT1
C
BOOT2
LM5137
V
OUT2
VDDA
C
IN2
R
FB3
R
FB4
V
OUT1
C
HF2
R
COMP2
C
COMP2
C
HF1
R
COMP1
C
COMP1
R
FB1
R
FB2
Figure 7-1. LM5137 Dual-Output Regulator Schematic
In high input voltage applications, make sure that the VIN, SW1, and SW2 pin voltages do not exceed the
absolute maximum voltage rating of 85V during line or load transient events. Voltage excursions that exceed the
Absolute Maximum Ratings can damage the IC. Proceed carefully during PCB board layout and use high-quality
input bypass capacitors to minimize switch-voltage overshoot and ringing.
7.3.2 Bias Supply Regulator (VCC, BIAS1/VOUT1, VDDA)
The LM5137 contains an internal high-voltage VCC bias regulator that provides the bias supply for the PWM
controller and the gate drivers of the external MOSFETs. Connect the input voltage pin (VIN) directly to an input
voltage source up to 80V. When the input voltage is below the VCC setpoint of 5V, the VCC voltage tracks VIN
minus a small voltage drop.
The VCC regulator current limit is 175mA (minimum). At power up, the regulator sources current into the VCC
capacitor. When the VCC voltage exceeds 3.8V (typical), both output channels are enabled (if EN1 and EN2 are
above 1V) and the soft-start sequence begins. Both channels remain active unless the VCC voltage falls below
the falling UVLO threshold of 3.5V (typical) or EN is switched to a low state. Connect a 2.2µF to 10µF ceramic
capacitor from VCC to PGND.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com