Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 59 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 59 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments LM5145 Datasheet HTML 62Page - Texas Instruments LM5145 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
8.4.2 Layout Example
Based on the LM25137F-Q1-EVM5D3 design, Figure 8-30 shows a single-sided layout of a dual-output
synchronous buck regulator. The design uses layer 2 of the PCB as a power-loop ground return path directly
underneath the top layer to create a low-area switching power loop of approximately 2mm². This loop area
must be as small as possible to minimize power-loop parasitic inductance, which results in reduced switch-node
voltage overshoot and ringing (and hence an improved overall EMI signature). See also the LM25137F-Q1-
EVM5D3 Evaluation Module and LM5137F-Q1-EVM12V Evaluation Module EVM user's guides.
Locate the controller close to the power stage –
keep gate drive traces short and direct
Use paralleled 0603
input capacitors close
to the FETs for VIN to
PGND decoupling
Connection to the
EMI filter located
on the bottom side
VOUT2
VIN
SW2
GND
Copper island
connected to AGND pin
Keep the VCC and
BOOT caps close to
their respective pins
Optional jumper to connect VOUT1 and
VOUT2 for a 2-phase implementation
SW1
VOUT1
Figure 8-30. PCB Top Layer
As shown in Figure 8-31, the high-frequency power loop current flows through MOSFETs Q3 and Q4, through
the power ground plane on layer 2, and back to VIN through the 0603 ceramic capacitors C30 through C33. The
currents flowing in opposing directions in the vertical loop configuration provide field self-cancellation, reducing
parasitic loop inductance. Figure 8-32 shows a side view to illustrate the concept of creating a low-profile,
self-canceling loop in a multilayer PCB structure. The layer-2 GND plane layer, shown in Figure 8-31, provides a
tightly-coupled current return path directly under the MOSFETs to the source terminals of Q4.
Four 10nF input capacitors with small 0603 case size, place in parallel close to the drain of each high-side
MOSFET. The low ESL and high self-resonant frequency (SRF) of the small footprint capacitors yield excellent
high-frequency performance. The negative terminals of these capacitors connect to the layer-2 GND plane with
multiple 12mil (0.3mm) diameter vias, further reducing parasitic inductance.
Additional steps used in this layout example include:
• Keep the SW connection from the power MOSFETs to the inductor (for each channel) at minimum copper
area to reduce capacitive coupling and radiated EMI.
• Locate the IC close to the power MOSFETs and keep the gate drive traces short and direct. Route the HO
and SW traces as a diff pair and run the LO trace above or below a ground plane.
www.ti.com
LM5137
SNVSCU3 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com