Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
6.3 Recommended Operating Conditions
Over the operating junction temperature range of –40°C to 150°C (unless otherwise noted). (1)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage range
4
80
V
VOUT
Output voltage range
0.8
60
V
SW1, SW2 to PGND
–0.3
80
V
HO1 to SW1, HO2 to SW2
–0.3
VCBOOT1/2 + 0.3
V
CBOOT1 to SW1, CBOOT2 to SW2
–0.3
5
5.3
V
FB1, FB2 to AGND
–0.3
15
V
EN1, EN2, PG1, PG2 to AGND
–0.3
VIN
V
ISNS1+, ISNS2+, BIAS1/VOUT1, VOUT2 to AGND
–0.3
80
V
VCC, VDDA, RSS to PGND
–0.3
5
5.3
V
ISYNCOUT
SYNCOUT current
2
mA
PGND to AGND
–0.3
0.3
V
TJ
Operating junction temperature
–40
150
°C
(1)
Recommended operating conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see Electrical Characteristics.
6.4 Thermal Information
THERMAL METRIC(1)
LM5137
UNIT
RHA (VQFN)
36 PINS
RθJA
Junction-to-ambient thermal resistance
33.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.2
°C/W
RθJB
Junction-to-board thermal resistance
14.1
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
14
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.5 Electrical Characteristics
Typical values are at TJ = 25°C. Minimum and maximum limits apply at TJ = –40°C to 150°C. VIN = 12V, unless otherwise
stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY (VIN)
IQ-SHDN
VIN shutdown current
VEN1 = VEN2 = 0V
3.6
µA
IQ-SHDN-48V
VIN shutdown current
VEN1 = VEN2 = 0V, VIN = 48V
6
µA
IQ-STBY
VIN standby current
0.6V < VEN1/2 < 1V
260
µA
IQ-SLEEP
VIN sleep current, VVOUT1 = 5V, VVOUT2 =
3.3V
1.05V ≤ VEN1/2 ≤ VIN, VVOUT1 = 5V, VVOUT2 =
3.3V, in regulation at no load, not switching,
VPFM/SYNC = 5V
1.5
µA
IQ-SLEEP-48V
VIN sleep current, VVOUT1 = 5V, VVOUT2 =
3.3V, VIN = 48V
1.05V ≤ VEN1/2 ≤ VIN, VVOUT1 = 5V,
VVOUT2 = 3.3V, in regulation, no load, not
switching,VPFM/SYNC = 5V, VIN = 48V
3.1
µA
INTERNAL LDO (VCC)
VVCC-REG
VCC regulation voltage
IVCC = 0mA
4.8
5.0
5.2
V
VVCC-UVLO
VCC UVLO rising threshold
3.7
3.8
3.9
V
VVCC-UVLO-HYST
VCC UVLO hysteresis
300
mV
IVCC-REG
VCC short-circuit current limit
175
300
mA
INTERNAL LDO (VDDA)
www.ti.com
LM5137
SNVSCU3 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com