Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 52 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
Resistor RRT of 57.6kΩ sets the switching frequency at 400kHz. In terms of control loop performance, the target
loop crossover frequency is 60kHz with a phase margin greater than 50°. An RSS resistance of 20kΩ sets the
output voltage soft-start time to 4.5ms.
Table 8-7 cites the selected buck regulator powertrain components, with many of the components available from
multiple vendors. This design uses 80V logic-level MOSFETs, shielded buck inductors, shunt resistors with wide
aspect ratio for low ESL, 100V-rated ceramic input capacitors and 25V-rated ceramic output capacitors.
Table 8-7. List of Materials for Application Circuit 3
REFERENCE
DESIGNATOR
QTY
SPECIFICATION(1)
MANUFACTURER
PART NUMBER
CIN1, CIN2
8
4.7µF, 100V, X7S, 1210, ceramic
TDK
CGA6M3X7S2A475K200
Murata
GCM32DC72A475KE02L
COUT1, COUT2
8
22µF, 25V, X7R, 1210, ceramic
TDK
CGA6P3X7R1E226M250
22µF, 25V, X7S, 1210, ceramic
Murata
GCM32EC71E226KE36
LO1, LO2
2
5.6µH, 10mΩ, 15A, 10.85 × 10 × 5.2mm
Cyntec
VCHW105D-5R6MS5
5.6µH, 14mΩ, 12A, 10.8 × 10 × 5mm
Eaton
HCM1A1105V2-5R6-R
5.6µH, 10.2mΩ, 16.2A, 11 × 10 × 5.1mm
Bourns
SRP1050WA-5R6M
4.7µH, 13.5mΩ, 16A, 10.85 × 10 × 3.8mm
Würth Electronik
784373680047
Q1, Q3
2
80V, 13.4mΩ, 8nC, SON 5 × 6
onsemi
NVMFS6H852NLT1G
Q2, Q4
2
80V, 6.2mΩ, 16nC, SON 5 × 6
onsemi
NVMFS6H836NLT1G
RS1, RS2
2
Shunt, 4mΩ ±1%, ±50ppm/°C, 0612 wide aspect ratio, 1.5W
Susumu
KRL3216E-C-R004-F
U1
1
LM5137 80V two-phase synchronous buck controller
Texas Instruments
LM5137RHAR
8.2.3.2 Detailed Design Procedure
See Section 8.2.1.2.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com