Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
(2)
7.3.5 Pulse Frequency Modulation and Synchronization (PFM/SYNC)
A synchronous buck regulator implemented with a low-side MOSFET rather than a diode has the capability to
sink negative current from the output during light load, output overvoltage, and prebias start-up conditions. The
LM5137 provides a diode emulation feature that can be enabled to prevent reverse (drain-to-source) current
flow in the low-side MOSFET. When configured for diode emulation mode, the low-side MOSFET is switched off
when reverse current flow is detected by sensing the SW voltage using a zero-cross comparator. The benefit of
this configuration is lower power loss during light-load conditions. The disadvantage of diode emulation mode is
slower light-load transient response.
Use the PFM/SYNC pin to configure diode emulation. To enable diode emulation and thus achieve high
efficiency at light loads, connect PFM/SYNC to VDDA. If FPWM with continuous conduction mode (CCM)
operation is preferred, tie PFM/SYNC to AGND. Note that diode emulation is automatically engaged to prevent
reverse current flow during a prebiased start-up. A gradual change from DCM to CCM operation provides
monotonic start-up performance.
To synchronize the LM5137 to an external clock source, apply a logic-level signal to PFM/SYNC. The LM5137
is synchronizable to ±20% of the programmed free-running frequency up to a maximum of 2.5MHz. If there
is an RT resistor and a synchronization clock signal, the LM5137 ignores the RT resistor and synchronizes to
the external clock. However, when the minimum off-time is reached at high duty cycle, the synchronization is
ignored, allowing reduction of the switching frequency to maintain output voltage regulation.
7.3.6 Synchronization Out (SYNCOUT)
The SYNCOUT voltage is a logic-level signal with a rising edge approximately 90° lagging HO2 (or 90° leading
HO1). When the SYNCOUT signal is used to synchronize a second LM5137 controller, all four phases are 90°
out of phase, thus optimizing ripple current cancellation.
7.3.7 Dual Random Spread Spectrum (DRSS)
The LM5137 provides a digital spread spectrum, which reduces the EMI signature of the switching regulator
over a wide frequency range. As shown in Figure 7-3, DRSS combines a low-frequency triangular modulation
profile with a high frequency cycle-by-cycle random modulation profile. The low-frequency modulation
improves performance in lower radio-frequency bands, while the high-frequency random modulation improves
performance in higher radio-frequency bands.
Spread spectrum functions by converting a narrowband signal into a wideband signal that spreads the energy
over multiple frequencies. Because industry standards require different EMI receiver resolution bandwidth
(RBW) settings for different frequency bands, the RBW has an impact on the spread spectrum performance.
DRSS is able to simultaneously improve the EMI performance with low and high RBWs with the low-frequency
triangular and high-frequency cycle-by-cycle random modulation profiles, respectively. DRSS can reduce
conducted emissions by 10dBμV in the CISPR 25 low-frequency band (150kHz to 30MHz) and 5dBμV in the
high-frequency band (30MHz to 108MHz). Applying an external clock signal to PFM/SYNC disables DRSS. See
Table 7-1 to configure the LM5137 using a resistor from CNFG to AGND.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com