Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
22ns
0.046
(9)
For wide VIN applications and low output voltages, an alternative is to reduce the LM5137 switching frequency to
meet the requirement of Equation 8.
7.3.13 100% Duty Cycle Capability
An integrated 20µA charge pump is always active in the LM5137. As VIN approaches the VOUT setpoint, the
duty cycle extends towards 100%. When the control loop attempts to set an off-time less than tOFF(min), the
LM5137 skips the off-time interval for that particular switching cycle and enters 100% duty cycle mode. Under
these conditions, CBOOT cannot charge by the usual path from VCC through the bootstrap diode, since the
low-side MOSFET is not turned on. Instead, the 20µA charge pump charges CBOOT and keeps the high-side
MOSFET on, thus achieving true 100% duty cycle – at least until the control loop again demands an off-time
greater than tOFF(min). This action allows for the lowest possible dropout voltage from input to output. Note that
adding a gate-to-source resistor at the high-side MOSFET can discharge CBOOT and thus affect 100% duty-cycle
operation.
7.3.14 MOSFET Gate Drivers (HO1, HO2, LO1, LO2)
The LM5137 contains MOSFET gate drivers and associated high-side level shifters to drive the external N-
channel power MOSFETs. The high-side gate driver works in conjunction with the integrated bootstrap diode and
external bootstrap capacitor CBOOT. During the conduction interval of the low-side MOSFET, the SW voltage is
approximately 0V and CBOOT charges from VCC through the diode.
The LM5137 controls the HO and LO outputs with an adaptive dead-time methodology such that both outputs
(HO and LO) are never enabled at the same time, preventing cross conduction. When the controller commands
LO to be enabled, the adaptive dead-time logic first disables HO and waits for the HO-to-GND voltage to
drop below 2V (typical). LO is then enabled after a small delay (HO falling to LO rising delay). Similarly, the
HO turn-on is delayed until the LO voltage has dropped below 2V. HO is then enabled after a small delay
(LO falling to HO rising delay). This technique provides adequate dead-time for any size N-channel MOSFET
component or parallel MOSFET configurations. Caution is advised when adding series gate resistors, as series
gate resistors can decrease the effective dead-time. The selected high-side power MOSFET determines the
appropriate bootstrap capacitance value CBOOT in accordance with Equation 10.
(10)
where
• QG is the total gate charge of the high-side MOSFET at the applicable gate drive voltage, normally 5V
• ΔVCBOOT is the voltage variation of the high-side MOSFET driver after turn-on
To determine CBOOT, choose ΔVCBOOT so that the available gate drive voltage is not significantly impacted.
An acceptable range of ΔVCBOOT is 100mV to 200mV. The bootstrap capacitor must be a low-ESR ceramic
capacitor, typically 0.1µF. Given the nominal VCC voltage of 5V, using logic-level power MOSFETs with RDS(on)
rated at VGS = 4.5V is imperative.
7.3.15 Output Configurations (CNFG)
Using a resistor designated as RCNFG connected from CNFG to AGND, configure the LM5137 as a primary
controller (independent dual outputs or interleaved single output) or as a secondary controller for paralleled
phases in high-current applications.
www.ti.com
LM5137
SNVSCU3 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com