Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
Table 8-1. MOSFET Power Losses
POWER LOSS MODE
HIGH-SIDE MOSFET
LOW-SIDE MOSFET
MOSFET conduction(2)
(3)
2
2
L
cond1
OUT
DS(on)1
I
P
D
I
R
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
2
2
L
cond2
OUT
DS(on)2
I
P
D
I
R
12
§
·
'
c ¨
¸
˜
˜
¨
¸
©
¹
MOSFET switching
ª
º
˜
'
'
§
·
§
·
˜
˜
«
»
¨
¸
¨
¸
©
¹
©
¹
¬
¼
IN
SW
L
L
sw1
OUT
R
OUT
F
V
F
I
I
P
I
t
I
t
2
2
2
Negligible
MOSFET gate drive(1)
Gate1
CC
SW
G1
P
V
F
Q
˜
˜
Gate2
CC
SW
G2
P
V
F
Q
˜
˜
MOSFET output
charge(4)
Coss
SW
IN
oss2
oss1
oss2
P
F
V
Q
E
E
˜
˜
Body diode conduction
N/A
BD
L
L
cond
F
SW
OUT
dt1
OUT
dt2
I
I
P
V
F
I
t
I
t
2
2
ª
º
'
'
§
·
§
·
˜
˜
˜
«
»
¨
¸
¨
¸
©
¹
©
¹
¬
¼
Body diode reverse
recovery(5)
RR
IN
SW
RR2
P
V
F
Q
˜
˜
(1)
Gate drive loss is apportioned based on the internal gate resistance of the MOSFET, externally added series gate resistance, and the
relevant driver resistance of the LM5137.
(2)
MOSFET RDS(on) has a positive temperature coefficient of approximately 4500ppm/°C. The MOSFET junction temperature, TJ, and the
rise over ambient temperature is dependent upon the device total power dissipation and the thermal impedance. When operating at or
near minimum input voltage, make sure that the MOSFET RDS(on) is rated for the available gate drive voltage.
(3)
D' = 1–D is the duty cycle complement.
(4)
MOSFET output capacitances, Coss1 and Coss2, are highly non-linear with voltage. These capacitances are charged losslessly by the
inductor current at high-side MOSFET turnoff. During turn-on, however, a current flows from the input to charge the output capacitance
of the low-side MOSFET. Eoss1, the energy of Coss1, is dissipated at turn-on, but this dissipation is offset by the stored energy Eoss2 on
Coss2. For more detail, see also Comparison of deadtime effects on the performance of DC-DC converters with GaN FETs and silicon
MOSFETs, ECCE 2016.
(5)
MOSFET body diode reverse recovery charge, QRR, depends on many parameters, particularly forward current, current transition
speed, and temperature.
The high-side (control) MOSFET carries the inductor current during the PWM on-time (or D interval) and typically
incurs most of the switching losses, so make sure to choose a high-side MOSFET that balances conduction and
switching loss contributions. The total power dissipation in the high-side MOSFET is the sum of the following:
• Losses due to conduction
• Switching (voltage-current overlap)
• Output charge
• Typically two-thirds of the net loss attributed to body diode reverse recovery
The low-side (synchronous) MOSFET carries the inductor current when the high-side MOSFET is off (or 1–
D interval). The low-side MOSFET switching loss is negligible as is switched at zero voltage – current just
communicates from the channel to the body diode or vice-versa during the transition dead times. The LM5137,
with the adaptive gate drive timing, minimizes body diode conduction losses when both MOSFETs are off. Such
losses scale directly with switching frequency.
In high step-down ratio applications, the low-side MOSFET carries the current for a large portion of the switching
period. Therefore, to attain high efficiency, optimizing the low-side MOSFET for low RDS(on) is critical. In cases
where the conduction loss is too high or the target RDS(on) is lower than available in a single MOSFET, connect
two low-side MOSFETs in parallel. The total power dissipation of the low-side MOSFET is the sum of the losses
due to channel conduction, body diode conduction, and typically one-third of the net loss attributed to body diode
reverse recovery. The LM5137 is an excellent choice to drive TI's portfolio of power MOSFETs.
8.1.1.2 Buck Inductor
For most applications, choose a buck inductance such that the inductor ripple current, ΔIL, is between 30% and
50% of the maximum DC output current at nominal input voltage. Choose the inductance using Equation 11
based on a peak inductor current given by Equation 12.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com