Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5145
Description  LM5137 4V to 80V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
The configuration settings are latched and cannot be changed until the LM5137 is powered down with the VCC
voltage decreasing below the falling UVLO threshold, and then powered up again with VCC above 3.8V.
Alternatively, set the output voltage with an external resistor divider from the output to AGND. The FB regulation
voltage is 0.8V, and the output voltage setpoint range is from 0.8V to 60V. Use Equation 4 to calculate the upper
and lower feedback resistors, designated RFB1 and RFB2, respectively. See Figure 7-4.
OUT
FB1
FB2
REF
V
R
1
R
V
§
·
˜
¨
¸
©
¹
(4)
A recommended starting value for RFB2 is between 10kΩ and 20kΩ.
VOUT1
COMP1
FB1
VREF
+
gm = 600 S
COUT1
SS
LO1
RFB1
RFB2
+
VIN
RCOMP1
CCOMP1
CHF1
–
AGND
Figure 7-4. Voltage Loop With Adjustable Output Setting
If high light-load efficiency is required, take care when selecting the external resistors. The current consumption
of the external divider adds to the LM5137 sleep current. The divider current reflected to VIN scales by the ratio
of VOUT/VIN.
7.3.10 Error Amplifier and PWM Comparator (FB1, FB2, COMP1, COMP2)
Each channel of the LM5137 has an independent high-gain transconductance amplifier that generates an
error current proportional to the difference between the feedback voltage and an internal precision reference
(0.8V). The output of the transconductance amplifier connects to the respective COMP pin, allowing the user to
provide external control loop compensation. TI generally recommends a type-II compensation network for peak
current-mode control. The HO1/2 and LO1/2 driver outputs can be disabled if COMP1/2 is pulled below 100mV.
7.3.10.1 Slope Compensation
The LM5137 provides internal slope compensation for stable operation with peak current-mode control and a
duty cycle greater than 50%. Use Equation 5 to calculate the buck inductance to provide a slope compensation
contribution equal to one times the inductor current downslope.
(5)
• A lower inductance value generally increases the peak-to-peak inductor ripple current, which minimizes size
and cost, and improves transient response at the cost of reduced light-load efficiency due to higher cores
losses and peak currents.
• A higher inductance value generally decreases the peak-to-peak inductor ripple current, reducing switch peak
and RMS currents at the cost of requiring larger output capacitors to meet load-transient specifications.
LM5137
SNVSCU3 – OCTOBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com