Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 34 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 34 Page - Analog Devices

Back Button LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 34 of 45
(b) Rated Capacitance = 4.7µF
(c) Rated Capacitance = 10µF
Figure 58. AC Voltage Characteristics for Different Capacitor Case Sizes
AC VOLTAGE (VRMS)
0
0.5
1.5
1.0
2.0
–60
–50
–30
–40
–20
–10
0
10
20
0603 16V (GRM188C71C475KE)
0805 16V (GRM21BR71C475KE)
0805 50V (GRM21BC71H475KE)
1206 50V (GRM31CR71H475KA)
AC VOLTAGE (VRMS)
0
0.5
1.5
1.0
2.0
–60
–50
–30
–40
–20
–10
0
10
20
0805 25V (GRM21BC71E106KE1)
1206 25V (GRM31CR71E106KA1)
1206 50V (GRM31CD71H106KE1)
1210 100V (GRM32EC72A106KE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com