Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 37 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 37 Page - Analog Devices

Back Button LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 37 of 45
Thermal Considerations
For higher ambient temperatures, care should be taken in the layout of the PCB to ensure good heat sinking of the
LT83201. The exposed pad on the bottom of the package should be soldered to a ground plane. This ground should
be connected to large copper layers below with thermal vias, these layers spread heat dissipated by the LT83201.
Placing additional vias can reduce thermal resistance further. The maximum load current should be derated as the
ambient temperature approaches the maximum junction rating. Power dissipation within the LT83201 can be
estimated by calculating the total power loss from an efficiency measurement and subtracting the inductor loss. The
die temperature is calculated by multiplying the LT83201 power dissipation by the thermal resistance from junction
to ambient.
The internal overtemperature protection monitors the junction temperature of the LT83201. If the junction
temperature reaches approximately 165°C, the LT83201 stops switching and indicates a fault condition until the
temperature drops about 5°C cooler.
Temperature rise of the LT83201 is at its worst when operating at high load, high VIN, and high switching frequency.
If the case temperature is too high for a given application, then either VIN, switching frequency, or load current can
be decreased to reduce the temperature to an appropriate level. Figure 60 shows examples of how case temperature
rise can be managed by reducing load.
The LT83201’s top switch current limit decreases with higher duty cycle operation for slope compensation. This also
limits the output current the LT83201 can deliver for a given application. See curve in Typical Performance
Characteristics.
Figure 60. LT83201 Case Temperature Rise
DEMO BOARD, ON STILL AIR
VOUT = 3.3V
fSW = 2MHz
ILOAD = 0.5A
ILOAD = 1A
INPUT VOLTAGE (V)
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com