Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 36 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 36 Page - Analog Devices

Back Button LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 36 of 45
(IPGFB) from the Electrical Characteristics table must be considered when determining the resistor divider network.
Note that the programmable power good and fast start-up capabilities are disabled when PGFB is tied to 0.5V or
when the device is in shutdown.
The PGFB pin current (IPGFB) can be ignored if RPGFB(BOT) is less than 50kΩ. Table 8 suggests some 1% PGFB resistor
divider values for common VOUT configurations.
Table 8. Suggested PGFB Resistor Divider Values
VOUT (V)
RPGFB(TOP) (kΩ)
RPGFB(BOT) (kΩ)
0.8
29.4
48.7
0.9
39.2
48.7
1
49.9
49.9
1.2
69.8
49.9
1.8
130
49.9
3.3
280
49.9
5
453
49.9
Shorted and Reversed Input Protection
The LT83201 tolerates a shorted output. The bottom switch current is monitored such that if the inductor current is
beyond safe levels, switching on of the top switch is delayed until the inductor current falls to safe levels.
There is another situation to consider in systems where the output is held high when the input to the LT83201 is
absent. This occurs in battery charging applications or in battery backup systems where a battery or some other
supply is diode ORed with the LT83201’s output. If the VIN pin is allowed to float and the EN/UVLO pin is held high,
then the LT83201’s internal circuitry pulls its quiescent current through its SW pin. This is acceptable if the system
can tolerate current draw in this state. If the EN/UVLO pin is grounded, the SW pin current drops to ~40µA.
However, if the VIN pin is grounded while the output is held high, regardless of EN/UVLO, parasitic body diodes inside
the LT83201 can pull current from the output through the SW pin and the VIN pin.
Figure 59 shows a connection of the VIN and EN/UVLO pins, which allows the LT83201 to run only when the input
voltage is present and protects against a shorted or reversed input.
Figure 59. Reverse VIN Protection
VIN
VIN
D1
LT83201
EN/UVLO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com