Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 43 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 43 Page - Analog Devices

Back Button LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices LT3045 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 43 of 45
ORDERING GUIDE
Table 9. Ordering Guide
TAPE AND REEL (MINI)*
TAPE AND REEL**
PAD ORBALL
FINISH***
PART MARKING****
PACKAGE
TYPE*****
MSL
RATING
TEMPERATURE
RANGE******
DEVICE
FINISH
CODE
LT83201AUDB#TRMPBF LT83201AUDB#TRPBF
Au (RoHS)
LHWK
e4
LFCSP (Lead Frame Chip
Scale Package)
1
–40°C to 125°C
*Parts ending with PBF are RoHS and WEEE compliant.
**Tape and reel specifications. Some packages are available in 500-unit reels through designated sales channels
with #TRMPBF suffix.
***Pad or ball finish code is per IPC/JEDEC J-STD-609.
****The temperature grade is identified by a label on the shipping container.
*****The LT83201 package has the same dimensions as a standard 3mm × 2mm LFCSP package.
******The LT83201 is specified over the –40°C to 125°C operating junction temperature range. High junction
temperatures degrade operating lifetimes. The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA in °C) and power dissipation (PD, in Watts) according to the formula: TJ = TA + (PD × θJA), where θJA
(in °C/W) is the package thermal impedance.
For recommended LGA and BGA PCB assembly and manufacturing procedures, refer to the Recommended LGA
and BGA PCB Assembly and Manufacturing Procedures.
For LGA and BGA package and tray drawings, refer to the LGA and BGA Package and Tray Drawings.
RELATED PARTS
Table 10. Related Parts
PART
DESCRIPTION
COMMENTS
LT83203/5
18V, 3A/5A Synchronous Step-Down Silent
Switcher 3 with Ultra-Low Noise Reference
4µVRMS Noise, VIN = 2.8V to 18V, VOUT(MIN) = 0V, 3mm ×
2mm LFCSP-15
LT8622S/
LT8624S
18V, 2A/4A Synchronous Step-Down Silent
Switcher 3 with Ultra-Low Noise Reference
4µVRMS Noise, VIN = 2.7V to 18V, VOUT(MIN) = 0V, 4mm ×
3mm LQFN-20
LT8625S
18V/8A Synchronous Step-Down Silent
Switcher 3 with Ultra-Low Noise Reference
4µVRMS Noise, VIN = 2.7V to 18V, VOUT(MIN) = 0V, 4mm ×
3mm LQFN-20
LT8625SP/
LT8625SP-1
18V/8A Synchronous Step-Down Silent
Switcher 3 with Ultra-Low Noise Reference
4µVRMS Noise, VIN = 2.7V to 18V, VOUT(MIN) = 0V, 4mm ×
3mm LQFN-20 or 4mm × 4mm LQFN-24
LT8627SP
18V/16A Synchronous Step-Down Silent
Switcher 3 with Ultra-Low Noise Reference
4µVRMS Noise, VIN = 2.8V to 18V, VOUT(MIN) = 0V, 4mm ×
4mm LQFN-24
LT8642S
18V, 10A Synchronous Step-Down Silent
Switcher 2 Regulator
96% Efficiency, VIN = 2.8V to 18V, VOUT(MIN) = 0.6V,
IQ = 240µA, ISD < 1µA, 4mm × 4mm LQFN-24
LTC7151S
20V, 15A Synchronous Step-Down Silent
Switcher 2 Regulator
92.5% Efficiency, VIN = 3.1V to 20V, VOUT(MIN) = 0.5V,
IQ = 2mA, ISD < 20µA, 4mm × 5mm LQFN-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com