Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments TUSB322I Datasheet HTML 18Page - Texas Instruments TUSB322I Datasheet HTML 19Page - Texas Instruments TUSB322I Datasheet HTML 20Page - Texas Instruments TUSB322I Datasheet HTML 21Page - Texas Instruments TUSB322I Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Table 6-8. Connection Status Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-4
CURRENT_MODE_DETECT
RU
2'b00
These bits are set when a UFP determines the Type-C Current
mode.
00 – Default (value at start up)
01 – Medium
10 – Charge through accessory – 500 mA
11 – High
3-1
ACCESSORY_CONNECTED
RU
2'b00
These bits are read by the application to determine if an
accessory was attached.
000 – No accessory attached (default)
001 – Reserved
010 – Reserved
011 – Reserved
100 – Audio accessory
101 – Audio charged thru accessory
110 – Debug accessory when TUSB322I is connected as a DFP.
111 – Debug accessory when TUSB322I is connected as a UFP.
0
ACTIVE_CABLE_DETECTION
RU
1'b0
This flag indicates that an active cable has been plugged into
the Type-C connector. When this field is set, an active cable is
detected.
6.6.1.3 Connection Status and Control Register (offset = 0x09) [reset = 0x20]
Figure 6-4. Connection Status and Control Register
7
6
5
4
3
2
1
0
ATTACHED_STATE
CABLE_DIR
INTERRUPT_S
TATUS
VCONN_FAULT
DRP_DUTY_CYCLE
DISABLE_UFP
_ACCESSORY
RU
RU
RCU
RCU
RW
RW
LEGEND: R/W = Read/Write; R/U = Read/Update; R/C/U = Read/Clear/Update
Table 6-9. Connection Status and Control Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
ATTACHED_STATE
RU
2'b00
This is an additional method to communicate attach other
than the ID pin. These bits can be read by the application to
determine what was attached.
00 – Not attached (default)
01 – Attached.SRC (DFP)
10 – Attached.SNK (UFP)
11 – Attached to an accessory
5
CABLE_DIR
RU
1'b1
Cable orientation. The application can read these bits for cable
orientation information.
0 – CC1
1 – CC2 (default)
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com