Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 3 Page - Texas Instruments

  TUSB322I Datasheet HTML 1Page - Texas Instruments TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
4 Pin Configuration and Functions
INT_N/OUT3
EN_N
12
11
10
9
8
7
6
5
4
3
2
1
GND
ID
VBUS_DET
VDD
DIR
ADDR
Figure 4-1. RWB Package 12-Pin X2QFN Top View
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CC1
1
I/O
Type-C configuration channel signal 1
CC2
2
I/O
Type-C configuration channel signal 2
VBUS_DET
3
I
5-V to 28-V VBUS input voltage. VBUS detection determines UFP attachment. One 900-kΩ
external resistor required between system VBUS and VBUS_DET pin.
DIR
4
O
DIR of plug. The open drain output indicates the detected plug orientation: Type-C plug
position 2 (H); Type-C plug position 1 (L).
ADDR
5
I
Tri-level input pin to indicate I2C address or GPIO mode:
H - I2C is enabled and I2C 7-bit address is 0x67.
NC - GPIO mode (I2C is disabled)
L - I2C is enabled and I2C 7-bit address is 0x47.
ADDR pin should be pulled up to VDD if high configuration is desired
INT_N/OUT3
6
O
The INT_N/OUT3 is a dual-function pin. When used as the INT_N, the pin is an open drain
output in I2C control mode and is an active low interrupt signal for indicating changes in
I2C registers. When used as OUT3, the pin is in audio accessory detect in GPIO mode: no
detection (H), audio accessory connection detected (L).
SDA/OUT1
7
I/O
The SDA/OUT1 is a dual-function pin. When I2C is enabled (ADDR pin is high or low), this
pin is the I2C communication data signal. When in GPIO mode (ADDR pin is NC), this pin
is an open drain output for communicating Type-C current mode detect when the TUSB322I
device is in UFP mode: default current mode detected (H); medium or high current mode
detected (L).
SCL/OUT2
8
I/O
The SCL/OUT2 is a dual function pin. When I2C is enabled (ADDR pin is high or low), this
pin is the I2C communication clock signal. When in GPIO mode (ADDR pin is NC), this pin
is an open drain output for communicating Type-C current mode detect when the TUSB322I
device is in UFP mode: default or medium current mode detected (H); high current mode
detected (L).
ID
9
O
Open drain output; asserted low when the CC pins detect device attachment when port is a
source (DFP), or dual-role (DRP) acting as source (DFP).
GND
10
G
Ground
EN_N
11
I
EN_N. Active low enable.
VDD
12
P
Positive supply voltage
www.ti.com
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com