Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments TUSB322I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
3. Write a 1'b0 to DISABLE_TERM register (address 0x0A bit 0).
6.3.2.3 Dual Role Port (DRP)
The TUSB322I default operation is a dual-role port controller. As a DRP, the TUSB322I can operate as a UFP
(sink) or a DFP (source). In DFP mode, the TUSB322I toggles between presenting as a DFP (Rp on both CC
pins) and presenting as a UFP (Rd on both CC pins).
When presenting as a DFP, the TUSB322I monitors the voltage level on the CC pins looking for the Rd
termination of a UFP. When a UFP is detected and TUSB322I is in the Attached.SRC state, the TUSB322I will
pull the ID pin low to indicate to the system the port is attached to a sink (UFP). Additionally, when a UFP is
detected, the TUSB322I will supply VCONN on the unconnected CC pin if Ra is also detected. In DFP mode, the
TUSB322I will initially advertise default USB Type-C current. The Type-C Current can be adjusted through I2C if
the system wishes to increase the amount advertised. TUSB322I will adjust the Rps to match the desired Type-C
Current advertisement. In GPIO mode, the TUSB322I will only advertise default Type C current.
When presenting as a UFP, the TUSB322I monitors the CC pins for the voltage level corresponding to the
Type-C mode current advertisement by the connected DFP. The TUSB322I will debounce the CC pins and wait
for VBUS detection before successfully attaching. As a UFP, the TUSB322I will detect and communicate the
DFP’s advertised current level to the system through the OUT1 and OUT2 GPIOs (if in GPIO mode) or through
the I2C CURRENT_MODE_DETECT register once in the Attached.SNK state.
The TUSB322I supports two optional Type-C DRP features called Try.SRC and Try.SNK. Products supporting
dual-role functionality can have a requirement to be a source (DFP) or a sink (UFP) when connected to another
dual-role capable product. For example, a dual-role capable notebook can be used as a source when connected
to a tablet, or a cell phone could be a sink when connected to a notebook or tablet. When standard DRP
products (products which don’t support either Try.SRC or Try.SNK) are connected together, the role (UFP or
DFP) outcome is not predetermined. These two optional DRP features provide a means for dual-role capable
products to connect to another dual-role capable product in the role desired. Try.SRC and Try.SNK are only
available when TUSB322I is configured in I2C mode. When operating in GPIO mode, the TUSB322I will always
operate as a standard DRP.
The Try.SRC feature of the TUSB322I device provides a means for a DRP product to connect as a DFP
when connected to another DRP product that doesn’t implement Try.SRC. When two products which implement
Try.SRC are connected together, the role outcome of either UFP or DFP is the same as a standard DRP.
Try.SRC is enabled by changing I2C register SOURCE_PREF to 2’b11. Once the register is changed to 2’b11,
the TUSB322I will always attempt to connect as a DFP when attached to another DRP capable device.
6.3.3 Type-C Current Mode
When a valid cable detection and attach have been completed, the DFP has the option to advertise the level
of Type-C current a UFP can sink. The default current advertisement for the TUSB322I device is 500 mA (for
USB2.0) or 900 mA (for USB3.1). If a higher level of current is available, the I2C registers can be written to
provide medium current at 1.5 A or high current at 3 A. When the CURRENT_MODE_ADVERTISE register has
been written to advertise higher than default current, the DFP adjusts the Rps for the specified current level. If
a DFP advertises 3 A, it ensures that the VDD of the TUSB322I device is 3.5 V or greater. Table 6-2 lists the
Type-C current advertisements in GPIO an I2C modes.
Table 6-2. Type-C Current Advertisement for GPIO and I2C Modes
TYPE-C CURRENT
GPIO MODE (ADDR PIN IN NC)
I2C MODE (ADDR PIN H, L)
UFP IN DRP MODE
DFP IN DRP MODE
UFP
DFP
Default
500 mA
(USB2.0)
900 mA
(USB3.1)
Current mode detected
and output through
OUT1 / OUT2
Only advertisement
Current mode detected
and read through I2C
register
I2C register default is 500
or 900 mA
Medium - 1.5 A
N/A
Advertisement selected
through writing I2C register
High - 3 A
www.ti.com
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com