Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments TUSB322I Datasheet HTML 13Page - Texas Instruments TUSB322I Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Table 6-1. Supported Features for the TUSB322I Device by Mode
SUPPORTED
FEATURES
DFP-Only
UFP-Only
DFP
Port attach and
detach
Yes
Yes
Yes
Cable orientation
(through I2C)
Yes
Yes
Yes
Cable orientation
through DIR pin
Yes
Yes
Yes
Current
advertisement
Yes
—
Yes (DFP)
Current detection
—
Yes
Yes (UFP)
Accessory modes
(audio and debug)
Yes
Yes
Yes
Active cable detection
Yes
—
Yes (DFP)
Try.SRC
—
—
Yes (DFP)
Try.SNK
—
—
Yes (UFP)
VCONN
Yes
—
Yes (DFP)
I2C / GPIO
Yes
Yes
Yes
Legacy cables
Yes
Yes
Yes
VBUS detection
—
Yes
Yes (UFP)
6.3.2.1 Downstream Facing Port (DFP) - Source
The TUSB322I device can be configured as a DFP-only device by changing the MODE_SELECT register default
setting. In DFP mode, the TUSB322I device constantly presents Rps on both CC. In DFP mode, the TUSB322I
device initially advertises default USB Type-C current. The Type-C current can be adjusted through I2C if the
system is required to increase the amount advertised. The TUSB322I device adjusts the Rps to match the
desired Type-C current advertisement. As a DFP, the TUSB322I monitors the voltage level on CC pins looking
for the Rd termination of a UFP. When a UFP is detected and TUSB322I is in the Attached.SRC state, the
TUSB322I will supply VCONN on the CC pin that has Ra.
The following list describes the steps for enabling DFP-only.
1. Write a 1'b1 to DISABLE_TERM register (address 0x0A bit 0)
2. Write a 2'b10 to MODE_SELECT register (address 0x0A bits 5:4)
3. Write a 1'b0 to DISABLE_TERM register (address 0x0A bit 0)
When configured as a DFP, the TUSB322I can operate with older USB Type-C 1.0 devices except for a USB
Type-C 1.0 DRP device. The TUSB322I cannot operate with a USB Type-C 1.0 DRP device. The limitation is a
result of a backwards compatibility problem between USB Type-C 1.1 DFP and a USB Type-C 1.0 DRP.
6.3.2.2 Upstream Facing Port (UFP) - Sink
The TUSB322I device can be configured as a UFP-only by changing the MODE_SELECT register default
setting. In UFP mode, the TUSB322I device constantly presents pulldown resistors (Rd) on both CC pins.
The TUSB322I device monitors the CC pins for the voltage level corresponding to the Type-C mode current
advertisement by the connected DFP. The TUSB322I device debounces the CC pins and wait for VBUS detection
before successfully attaching. As a UFP, the TUSB322I device detects and communicates the advertised current
level of the DFP to the system through the I2C CURRENT_MODE_DETECT register once in the Attached.SNK
state.
Steps for enabling UFP-only:
1. Write a 1'b1 to DISABLE_TERM register (address 0x0A bit 0).
2. Write a 2'b01 to MODE_SELECT register (address 0x0A bits 5:4)
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com