Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 5 Page - Texas Instruments

  TUSB322I Datasheet HTML 1Page - Texas Instruments TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Power Consumption
ISHUTDOWN_UFP
Leakage current when VDD is supplied but the device is not
enabled. (VDD = 5 V, EN_N = H)
0.04
µA
IUNATTACHED_UFP
Current consumption in unattached mode when port is
unconnected and waiting for connection. (VDD = 5 V, ADDR
= NC, MODE_SELECT = 2'b01)
70
µA
IACTIVE_UFP
Current consumption in active mode. (VDD = 5 V, ADDR =
NC, MODE_SELECT = 2'b01)
70
µA
CC1 and CC2 Pins
RCC_DB
Pulldown resistor when in dead-battery mode.
4.1
5.1
6.1
kΩ
RCC_D
Pulldown resistor when in UFP or DRP mode.
4.6
5.1
5.6
kΩ
VUFP_CC_USB
Voltage level range for detecting a DFP attach when
configured as a UFP and DFP is advertising default current
source capability.
0.25
0.61
V
VUFP_CC_MED
Voltage level range for detecting a DFP attach when
configured as a UFP and DFP is advertising medium (1.5
A) current source capability.
0.7
1.16
V
VUFP_CC_HIGH
Voltage level range for detecting a DFP attach when
configured as a UFP and DFP is advertising high (3 A)
current source capability.
1.31
2.04
V
VTH_DFP_CC_USB
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising default current source
capability.
1.51
1.6
1.64
V
VTH_DFP_CC_MED
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising medium current (1.5
A) source capability.
1.51
1.6
1.64
V
VTH_DFP_CC_HIGH
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising high current (3.0 A)
source capability.
2.46
2.6
2.74
V
VTH_AC_CC_USB
Voltage threshold for detecting a active cable attach when
configured as a DFP and advertising default current source.
0.15
0.2
0.25
V
VTH_AC_CC_MED
Voltage threshold for detecting a active cable attach when
configured as a DFP and advertising medium current (1.5
A) source.
0.35
0.4
0.45
V
VTH_AC_CC_HIGH
Voltage threshold for detecting a active cable attach when
configured as a DFP and advertising high current (3.0 A)
source.
0.76
0.8
0.84
V
ICC_DEFAULT_P
Default mode pullup current source when operating in DFP
or DRP mode.
64
80
96
µA
ICC_MED_P
Medium (1.5 A) mode pullup current source when operating
in DFP or DRP mode.
166
180
194
µA
ICC_HIGH_P
High (3 A) mode pullup current source when operating in
DFP or DRP mode.(1)
304
330
356
µA
Control Pins: EN_N, ADDR, INT/OUT3, DIR, ID
VIL
Low-level control signal input voltage, (EN_N, ADDR)
0.4
V
VIM
Mid-level control signal input voltage (ADDR)
0.28 × VDD
0.56 × VDD
V
VIH
High-level control signal input voltage (EN_N, ADDR)
VDD – 0.3
VDD
V
IIH
High-level input current
–20
20
µA
IIL
Low-level input current
–10
10
µA
IID_LEAKAGE
Current leakage on ID pin.
VDD = 0 V; ID = 5
V
10
µA
REN_N
Internal pull-up resistance for EN_N.
1.1
MΩ
Rpu
Internal pullup resistance (ADDR)
588
kΩ
Rpd
Internal pulldown resistance (ADDR)
1.1
MΩ
VOL
Low-level signal output voltage (open-drain) (INT_N/OUT3,
ID)
IOL = –1.6 mA
0.4
V
www.ti.com
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com