Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments TUSB322I Datasheet HTML 11Page - Texas Instruments TUSB322I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
6 Detailed Description
6.1 Overview
The USB Type-C ecosystem operates around a small form factor connector and cable that is flippable and
reversible. Due to the nature of the connector, a scheme is required to determine the connector orientation.
Additional schemes are required to determine when a USB port is attached and the acting role of the USB port
(DFP, UFP, DRP), as well as to communicate Type-C current capabilities. These schemes are implemented over
the CC pins according to the USB Type-C specifications. The TUSB322I device provides Configuration Channel
(CC) logic for determining USB port attach and detach, role detection, cable orientation, and Type-C current
mode. The TUSB322I device also contains several features such as VCONN sourcing, USB3.1 mux direction
control, mode configuration, and low standby current, all of which make the TUSB322I device ideal for source or
sinks in USB2.0 or USB3.1 applications.
6.2 Functional Block Diagram
CC1
CC2
SDA/OUT1
SCL/OUT2
ADDR
EN_N
GND
CSR
I2C
Digital Controller
DIR
DIR Logic
DIR_CTRL
900K ±1%
VDD
VCONN
Connection
and
Cable
Detection
Copyright © 2016, Texas Instruments Incorporated
6.3 Feature Description
6.3.1 Cables, Adapters, and Direct Connect Devices
Type-C Specification 1.1 defines several cables, plugs, and receptacles to be used to attach ports. The
TUSB322I device supports all cables, receptacles, and plugs. The TUSB322I device does not support any
USB feature which requires USB Power Delivery communications over CC lines, such as e-marking or alternate
mode.
6.3.1.1 USB Type-C Receptacles and Plugs
Below is list of Type-C receptacles and plugs supported by the TUSB322I device:
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com