Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 4 Page - Texas Instruments

  TUSB322I Datasheet HTML 1Page - Texas Instruments TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage
VDD
–0.3
6
V
Control pins
ADDR, ID, DIR, INT_N/OUT3, EN_N
–0.3
VDD + 0.3
V
CC1, CC2
–0.3
6
SDA/OUT1, SCL/OUT2
–0.3
VDD + 0.3
VBUS_DET
–0.3
4
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Section 5.3.
Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.5
5
5.5
V
VBUS
System VBUS voltage
4
5
28
V
VCONTR
OL
DC voltage range for control lines: ADDR, ID, DIR, INT_N/OUT3, SDA/OUT1, SCL/
OUT2, EN_N, CC1, and CC2.
0
5.5
V
DC voltage range for VBUSDET
0
4
V
VCONN
Supply for active cable (With VDD at 5 V)
4.75
5.5
V
TA
Operating free-air temperature
TUSB322I
–40
25
85
°C
5.4 Thermal Information
THERMAL METRIC(1)
TUSB322I
UNIT
RWB (X2QFN)
12 PINS
RθJA
Junction-to-ambient thermal resistance
169.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
68.1
°C/W
RθJB
Junction-to-board thermal resistance
83.4
°C/W
ψJT
Junction-to-top characterization parameter
2.2
°C/W
ψJB
Junction-to-board characterization parameter
83.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and C Package Thermal Metrics application
report, SPRA953.
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com