Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 16Page - Texas Instruments TUSB322I Datasheet HTML 17Page - Texas Instruments TUSB322I Datasheet HTML 18Page - Texas Instruments TUSB322I Datasheet HTML 19Page - Texas Instruments TUSB322I Datasheet HTML 20Page - Texas Instruments TUSB322I Datasheet HTML 21Page - Texas Instruments TUSB322I Datasheet HTML 22Page - Texas Instruments TUSB322I Datasheet HTML 23Page - Texas Instruments TUSB322I Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Table 6-10. General Control Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-4
MODE_SELECT
RW
2'b00
This register can be written to set the TUSB322I device mode
operation. The ADDR pin must be set to I2C mode.
00 – DRP mode (start from unattached.SNK) (default)
01 – UFP mode (unattached.SNK)
10 – DFP mode(unattached.SRC)
11 – DRP mode(start from unattached.SNK)
3
I2C_SOFT_RESET
RSU
1'b0
This register resets the digital logic. The bit is self-clearing.
A write of 1 starts the reset. The following registers can be
affected after setting this bit:
CURRENT_MODE_DETECT
ACTIVE_CABLE_DETECTION
ACCESSORY_CONNECTED
ATTACHED_STATE
CABLE_DIR
2-1
SOURCE_PREF
RW
2'b00
This field controls the TUSB322I behavior when configured as a
DRP.
00 – Standard DRP (default)
01 – DRP will perform Try.SNK
10 – Reserved
11 – DRP will perform Try.SRC
0
DISABLE_TERM
RW
1'b0
This field will disable the termination on CC pins and transition
the CC state machine to the disabled state.
0 – Termination enabled according TUSB322I mode of operation
(default)
1 – Termination disabled and state machine held in disable
state.
6.6.1.5 Device Revision Register (offset = 0xA0) [reset = 0x02]
Figure 6-6. Device Revision Register
7
6
5
4
3
2
1
0
REVISION
R
LEGEND: R = Read only
Table 6-11. Device Revision Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
REVISION
R
'h02
Revision of TUSB322I. Defaults to 0x02.
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com