Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB322I
Description  TUSB322I USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB322I Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 23Page - Texas Instruments TUSB322I Datasheet HTML 24Page - Texas Instruments TUSB322I Datasheet HTML 25Page - Texas Instruments TUSB322I Datasheet HTML 26Page - Texas Instruments TUSB322I Datasheet HTML 27Page - Texas Instruments TUSB322I Datasheet HTML 28Page - Texas Instruments TUSB322I Datasheet HTML 29Page - Texas Instruments TUSB322I Datasheet HTML 30Page - Texas Instruments TUSB322I Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
The TUSB322I device is placed into I2C mode by either pulling the ADDR pin high or low. In this case, the ADDR
pin is tied to GND which results in a I2C address of 0x47. The SDA and SCL must be pulled up to either 1.8 V or
3.3 V. When pulled up to 3.3 V, the VDD supply must be at least 3 V to keep from back-driving the I2C interface.
The INT_N/OUT3 pin is used to notify the PMIC when a change in the TUSB322I I2C registers occurs. This pin
is an open drain output and requires an external pullup resistor. The pin should be pulled up to VDD using a
200-kΩ resistor.
The DIR pin is used to control the mux for connecting the USB3 SS signals to the appropriate pins on the USB
Type-C receptacle. In this particular case, a HD3SS3212 is used as the mux. To minimize crossing in routing the
USB3 SS signals to the USB Type C connector, the connection of CC1 and CC2 to the TUSB322I is swapped.
When swapping the CC1 and CC2 connection, the CABLE_DIR register will also be reversed (0 = CC2 and 1 =
CC1).
The Type-C port mode is determined by the state of the MODE_SELECT register. When the MODE_SELECT
register is 2'b01, the TUSB322I device is in UFP mode. The TUSB322I will exit the UFP mode if the
MODE_SELECT register is changed, I2C_SOFT_RESET is set, or EN_N pin is transitioned from high to low.
The VBUS_DET pin must be connected through a 900-kΩ resistor to VBUS on the Type-C that is connected. This
large resistor is required to protect the TUSB322I device from large VBUS voltage that is possible in present day
systems. This resistor along with internal pulldown keeps the voltage observed by the TUSB322I device in the
recommended range.
The USB2 specification requires the bulk capacitance on VBUS based on UFP or DFP. When operating the
TUSB322I device in a UFP mode, a bulk capacitance between 1 µF to 10 µF is required. In this particular case,
a 1-µF capacitor was chosen.
7.2.3.3 Application Curves
Figure 7-6. Application Curve for UFP in I2C Mode
www.ti.com
TUSB322I
SLLSEO5D – OCTOBER 2015 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com