Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 44 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments TUSB7320 Datasheet HTML 42Page - Texas Instruments TUSB7320 Datasheet HTML 43Page - Texas Instruments TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments TUSB7320 Datasheet HTML 46Page - Texas Instruments TUSB7320 Datasheet HTML 47Page - Texas Instruments TUSB7320 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 122 page
background image
8.1.15 Subsystem Vendor ID Register
This register, which is used for system and option card identification purposes, may be required for certain
operating systems. This read-only register is a direct reflection of the Subsystem Access register, which is read/
write and is initialized through the EEPROM (if present) or can be written through the Subsystem Alias Register
at PCI Offset D0h.
PCI register offset: 2Ch
Register type: Read-only
Default value: 0000h
Table 8-22. PCI Register 2Ch
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8.1.16 Subsystem ID Register
This register, which is used for system and option card identification purposes, may be required for certain
operating systems. This read-only register is a direct reflection of the Subsystem Access register, which is read/
write and is initialized through the EEPROM (if present) or can be written through the Subsystem Alias Register
at PCI Offset D0h.
PCI register offset: 2Eh
Register type: Read-only
Default value: 0000h
Table 8-23. PCI Register 2Eh
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
8.1.17 Capabilities Pointer Register
This read-only register provides a pointer into the PCI configuration header where the PCI power management
block resides. Because the PCI power management registers begin at 40h, this register is hardwired to 40h.
PCI register offset: 34h
Register type: Read-only
Default value: 40h
Table 8-24. PCI Register 34h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
0
0
0
0
0
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
44
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com