Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 82 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 78Page - Texas Instruments TUSB7320 Datasheet HTML 79Page - Texas Instruments TUSB7320 Datasheet HTML 80Page - Texas Instruments TUSB7320 Datasheet HTML 81Page - Texas Instruments TUSB7320 Datasheet HTML 82Page - Texas Instruments TUSB7320 Datasheet HTML 83Page - Texas Instruments TUSB7320 Datasheet HTML 84Page - Texas Instruments TUSB7320 Datasheet HTML 85Page - Texas Instruments TUSB7320 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 122 page
background image
8.2.9 Advanced Error Capabilities and Control Register
The Advanced Error Capabilities and Control Register allows the system to monitor and control the advanced
error reporting capabilities.
PCI Express Extended Register Offset: 118h
Register type: Read-Only, Read/Write
Default value: 0000 0050h
Table 8-120. PCI Express Extended Register 118h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
Table 8-121. Bit Descriptions – Advanced Error Capabilities and Control Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:9
RSVD
r
Reserved. Returns zeros when read.
8
ECRC_CHK_EN(1)
rw
Extended CRC Check Enable.
0 – Extended CRC checking is Disabled
1 – Extended CRC checking is Enabled
7
ECRC_CHK_CAPABLE
r
Extended CRC Check Capable. This read-only bit returns a value of
1 indicating that the TUSB73X0 is capable of checking extended CRC
information.
6
ECRC_GEN_EN(1)
rw
Extended CRC Generation Enable.
0 – Extended CRC generation is Disabled
1 – Extended CRC generation is Enabled
5
ECRC_GEN_CAPABLE
r
Extended CRC Generation Capable. This read-only bit returns a value of
1 indicating that the TUSB73X0 is capable of generating extended CRC
information.
4:0
FIRST_ERR(1)
ru
First Error Pointer. This five bit value reflects the bit position within the
Uncorrectable Error Status Register corresponding to the class of the
first error condition that was detected.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
82
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com