Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB7320 Datasheet HTML 1Page - Texas Instruments TUSB7320 Datasheet HTML 2Page - Texas Instruments TUSB7320 Datasheet HTML 3Page - Texas Instruments TUSB7320 Datasheet HTML 4Page - Texas Instruments TUSB7320 Datasheet HTML 5Page - Texas Instruments TUSB7320 Datasheet HTML 6Page - Texas Instruments TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
Table 4-1. Clock and Reset Signals
PIN
TYPE
DESCRIPTION
NAME
TUSB7320
TUSB7340
CLOCK AND RESET SIGNALS
GRST#
A15
A15
I PU
Global power reset. This reset brings all of the TUSB73x0 internal registers
to their default states. When GRST# is asserted, the device is completely
nonfunctional. GRST# should be asserted until all power rails are valid at the
device. If a 24 MHz or 48 MHz reference clock is used instead of a crystal,
GRST# must remain asserted until the 24 MHz or 48 MHz clock is stable.
XI
A23
A23
I
Crystal input. This terminal is the crystal input for the internal oscillator. The input
may alternately be driven by the output of an external oscillator. When using a
crystal a 2-MΩ feedback resistor is required between XI and XO.
XO
A22
A22
O
Crystal output. This terminal is crystal output for the internal oscillator. If XI is
driven by an external oscillator this pin may be left unconnected. When using a
crystal a 2-MΩ feedback resistor is required between XI and XO.
FREQSEL
B14
B14
I
Frequency select. This terminal indicates the oscillator input frequency and is
used to configure the correct PLL multiplier. This pin should be set low for normal
operation.
PCIE_REFCLKP
A45
A45
I
PCI Express Reference Clock. PCIE_REFCLKP and PCIE_REFCLKN comprise
the differential input pair for the 100-MHz system reference clock.
PCIE_REFCLKN
B41
B41
I
PERST#
A40
A40
I
PCI Express Reset Input. The PERST# signal is used to signal when the system
power is stable. The PERST# signal is also used to generate an internal power
on reset
PCI EXPRESS
SIGNALS
PCIE_TXP
B38
B38
O
PCI Express transmitter differential pair (positive).
PCIE_TXN
A41
A41
O
PCI Express transmitter differential pair (negative).
PCIE_RXP
B39
B39
I
PCI Express receiver differential pair (positive).
PCIE_RXN
A42
A42
I
PCI Express receiver differential pair (negative).
WAKE#
B35
B35
O
Wake. Wake is an active low signal that is driven low to reactivate the PCI
Express link hierarchy’s main power rails and reference clocks. Note: WAKE# is
not a failsafe I/O and should not be connected to a 3.3-V auxiliary supply while
VDD33 is not present.
CLKREQ#
B36
B36
O
PCI Express REFCLK Request signal. Note: CLKREQ# is not a failsafe I/O and
should not be connected to a 3.3-V auxiliary supply while VDD33 is not present.
USB DOWNSTREAM SIGNALS
USB_SSTXP_DN1
A17
A17
O
USB SuperSpeed transmitter differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 1 SSTX differential
pair.
USB_SSTXN_DN1
B15
B15
O
USB SuperSpeed transmitter differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 1 SSTX differential
pair.
USB_SSRXP_DN1
A18
A18
I
USB SuperSpeed receiver differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 1 SSRX differential
pair.
USB_SSRXN_DN1
B16
B16
I
USB SuperSpeed receiver differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 1 SSRX differential
pair.
USB_DP_DN1
A20
A20
I/O
USB High-speed differential transceiver (positive).
USB_DM_DN1
B18
B18
I/O
USB High-speed differential transceiver (negative).
PWRON1#
B33
B33
O PD
USB DS Port 1 Power On Control for Downstream Power. The terminal is used
to control the downstream power switch. If the PWRON_POLARITY bit is set to
1, this pin is active high and the internal pull-down is disabled. This pin may be at
low impedance when power rails are removed.
OVERCUR1#
A36
A36
I PU
USB DS Port 1 Overcurrent Detection. 0: overcurrent detected; 1: overcurrent
not detected
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com