Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 68 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 64Page - Texas Instruments TUSB7320 Datasheet HTML 65Page - Texas Instruments TUSB7320 Datasheet HTML 66Page - Texas Instruments TUSB7320 Datasheet HTML 67Page - Texas Instruments TUSB7320 Datasheet HTML 68Page - Texas Instruments TUSB7320 Datasheet HTML 69Page - Texas Instruments TUSB7320 Datasheet HTML 70Page - Texas Instruments TUSB7320 Datasheet HTML 71Page - Texas Instruments TUSB7320 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
Table 8-94. General Control 0 Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:12
RSVD
r
Reserved. Returns zeros when read.
11:9
L1_EXIT_LAT_ASYNC(1)
rw
L1 Exit Latency for Asynchronous Clock. This value in this field is the
value reported in the L1_LATENCY field in the Link Capabilities Register
when the CCC bit in the Link Control Register is 0. This field defaults to
110b.
8:6
L1_EXIT_LAT_COMMON(1)
rw
L1 Exit Latency for Common Clock. This value in this field is the value
reported in the L1_LATENCY field in the Link Capabilities Register when
the CCC bit in the Link Control Register is 1. This field defaults to 110b.
5:3
L0s_EXIT_LAT_ASYNC(1)
rw
L0s Exit Latency for Asynchronous Clock. This value in this field is
the value reported in the L0s_LATENCY field in the Link Capabilities
Register when the CCC bit in the Link Control Register is 0. This field
defaults to 011b.
2:0
L0s_EXIT_LAT_COMMON(1)
rw
L0s Exit Latency for Common Clock. This value in this field is the value
reported in the L0s_LATENCY field in the Link Capabilities Register
when the CCC bit in the Link Control Register is 1. This field defaults to
011b.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
8.1.62 General Control 1 Register
This register is a read/write register is used to control various functions of the TUSB73X0. This register is reset
by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on-reset.
PCI register offset: D8h
Register type: Read-Only, Read/Write
Default value: 0000 001Bh
Table 8-95. PCI Register D8h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
Table 8-96. General Control 1 Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:6
RSVD
r
Reserved. Returns zeros when read.
5:3
L1ASPM_ENTRY_TIMER(1)
rw
L1ASPM Entry Timer. This field specifies the value of the L1ASPM Entry
Timer. This field defaults to 011, corresponding to a value of 8 µs.
2:0
L0s_ENTRY_TIMER(1)
rw
L0s Entry timer. This field specifies the value of the L0s Entry timer. This
field defaults to 011, corresponding to a value of 4 µs.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on-reset.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
68
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com