Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 48 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments TUSB7320 Datasheet HTML 46Page - Texas Instruments TUSB7320 Datasheet HTML 47Page - Texas Instruments TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments TUSB7320 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
Table 8-34. Power Management Control/Status Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
3
NO_SOFT_RESET
r
No Soft Reset. This bit returns 1 indicating that no internal reset
is generated and the device retains its configuration context when
transitioning from the D3hot state to the D0 state.
2
RSVD
r
Reserved. Returns zero when read.
1:0
PWR_STATE
rw
Power State. This 2-bit field is used both to determine the current
power state of the function and to set the function into a new power
state. This field is encoded as follows:00 = D001 = D110 = D211 =
D3hot.
8.1.26 Power Management Bridge Support Extension Register
This read-only register is not applicable to the TUSB73X0 and returns 00h when read.
PCI register offset: 46h
Register type: Read-only
Default value: 00h
Table 8-35. PCI Register 46h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
8.1.27 Power Management Data Register
This read-only register is not applicable to the TUSB73X0 and returns 00h when read.
PCI register offset: 47h
Register type: Read-only
Default value: 00h
Table 8-36. PCI Register 47h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
8.1.28 MSI Capability ID Register
This read-only register identifies the linked list item as the register for Message Signaled Interrupts Capabilities.
The register returns 05h when read.
PCI register offset: 48h
Register type: Read-only
Default value: 05h
Table 8-37. PCI Register 48h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
1
0
1
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com