Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 6Page - Texas Instruments TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments TUSB7320 Datasheet HTML 11Page - Texas Instruments TUSB7320 Datasheet HTML 12Page - Texas Instruments TUSB7320 Datasheet HTML 13Page - Texas Instruments TUSB7320 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
TUSB7320, TUSB7340
UNIT
RKM (WQFN-MR)
100 PINS
RθJA
Junction-to-ambient thermal resistance
25.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
9.5
°C/W
RθJB
Junction-to-board thermal resistance
15.2
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
7.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.5 3.3-V I/O Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
MAX UNIT
VIH
High-level input voltage(1)
VDD33
2
VDD33
V
VIL
Low-level input voltage(1)
VDD33
0
0.8
V
JTAG pins only
0
0.55
VI
Input voltage
0
VDD33
V
VO
Output voltage(2)
0
VDD33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis(3)
0.13 VDD33
V
VOH
High-level output voltage
VDD33
IOH = −4 mA
2.4
V
VOL
Low-level output voltage
VDD33
IOL = 4 mA
0.4
V
IOZ
High-impedance, output current(2)
VDD33
VI = 0 to VDD33
±20
µA
IOZP
High-impedance, output current with internal pullup or
pull-down resistor(4)
VDD33
VI = 0 to VDD33
±225
µA
II
Input current(5)
VDD33
VI = 0 to VDD33
±15
µA
(1)
Applies to external inputs and bidirectional buffers.
(2)
Applies to external outputs and bidirectional buffers.
(3)
Applies to PERST, GRST, and PME.
(4)
Applies to GRST (pullup) and most GPIO (pullup).
(5)
Applies to external input buffers.
5.6 Input Clock Specification
See External Clock.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency Tolerance
Operational
Temperature
±50
ppm
Frequency Stability
1 year aging
±100
ppm
Rise / Fall Time
20% - 80%
6
ns
Reference Clock RJ with JTF (1 sigma)(1) (2)
0.8
ps
Reference Clock TJ with JTF (total p-p)(2) (3)
25
ps
Reference Clock Jitter
(absolute p-p)(4)
50
ps
(1)
Sigma value assuming Gaussian distribution.
(2)
After application of JTF.
(3)
Calculated as 14.1 x RJ+DJ
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com