Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 98 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 94Page - Texas Instruments TUSB7320 Datasheet HTML 95Page - Texas Instruments TUSB7320 Datasheet HTML 96Page - Texas Instruments TUSB7320 Datasheet HTML 97Page - Texas Instruments TUSB7320 Datasheet HTML 98Page - Texas Instruments TUSB7320 Datasheet HTML 99Page - Texas Instruments TUSB7320 Datasheet HTML 100Page - Texas Instruments TUSB7320 Datasheet HTML 101Page - Texas Instruments TUSB7320 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 122 page
background image
8.3.3.11 Port PM Status and Control Register (USB 2.0 Ports)
The TUSB73X0 implements a Port PM Status and Control Register for each port that is implemented. The
number of Port PM Status and Control Registers is the same as the value in the MAX_PORTS field in the Host
Controller Structural Parameters 1 Register (see Host Controller Structural Parameters 1).
Operational Base register offset: 404h + (10h × (n-1))), where n = Port Number
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 8-161. HC Operational Register (Operational Base + 404h + (10h × (n-1))), where n = Port Number
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-162. Port PM Status and Control Register (USB 2.0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:28
PORT_TEST_CTRL
rw
Port Test Control.
27:16
RSVD
r
Reserved. Returns zeros when read.
15:8
L1_DEV_SLOT
rw
L1 Device Slot.
7:4
HIRD
rw
Host Initiated Resume Duration.
3
RWE
rw
Remote Wake Enable.
2:0
L1S
r
L1 Status.
8.3.3.12 Port Link Info Register
The TUSB73X0 implements a Port Link Info Register for each port USB 3.0 port that is implemented. For USB
2.0 ports, the Port Link Info Register is reserved and returns zeros when read. The number of Port Link Info
Registers is the same as the value in the MAX_PORTS field in the Host Controller Structural Parameters 1
Register (see Host Controller Structural Parameters 1).
Operational Base register offset: 408h + (10h × (n-1))), where n = Port Number
Register type: Read-Only
Default value: 0000 0000h
Table 8-163. HC Operational Register (Operational Base + 408h + (10h × (n-1))), where n = Port Number
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
98
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com