Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 3Page - Texas Instruments TUSB7320 Datasheet HTML 4Page - Texas Instruments TUSB7320 Datasheet HTML 5Page - Texas Instruments TUSB7320 Datasheet HTML 6Page - Texas Instruments TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments TUSB7320 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Table 4-1. Clock and Reset Signals (continued)
PIN
TYPE
DESCRIPTION
NAME
TUSB7320
TUSB7340
PWRON4#
—
A48
O PD
USB DS Port 4 Power On Control for Downstream Power. The terminal is used
for control of the downstream power switch. If the PWRON_POLARITY bit is set
to 1, this pin is active high and the internal pull-down is disabled. This pin may be
at low impedance when power rails are removed.
OVERCUR4#
—
B45
I PU
USB DS Port 4 Overcurrent Detection. 0: overcurrent detected; 1: overcurrent
not detected
I2C SIGNALS
SCL
B2
B2
I/O
I2C Clock – If no I2C device is present, pull this line down to disable.
SDA
A2
A2
I/O
I2C Data – If no I2C device is present, pull this line down to disable.
TEST AND MISCELLANEOUS SIGNALS
JTAG_TCK
A32
A32
I PD
JTAG test clock
JTAG_TDI
A35
A35
I PU
JTAG test data in
JTAG_TDO
B31
B31
O PD
JTAG test data out
JTAG_TMS
B30
B30
I PU
JTAG test mode select
JTAG_RST#
B32
B32
I PD
JTAG reset. Should be pulled low for normal operation.
GPIO0
A49
A49
I/O PU General purpose I/O
GPIO1
B46
B46
I/O PU
GPIO2
B47
B47
I/O PU
GPIO3
B48
B48
I/O PU
SMI
B3
B3
O
System management interrupt Note: This pin is active high and should not be
pulled up/down.
R1EXT
A24
A24
OI
High precision external resistor used for calibration. A resister value of 9.09 KΩ
±1% accuracy is connected between the terminals R1EXT and R1EXTRTN.
R1EXTRTN
B23
B23
OI
AUX_DET
A52
A52
I
Auxiliary power detect. This pin indicates if the TUSB73X0 is enabled for wakeup
from D3cold. Note: If this feature is implemented, AUX_DET must be pulled to
VDD33 to prevent leakage.
NC
B4, A5, B5,
B6, A7, B7,
A8, B8, B13,
A14, B25,
A26, B26,
A27, B27,
B28, A29,
B29, A30,
A43, B43,
B45, A46,
A48
A14, B8,
B13, A26,
B29, A43
I/O
Pins are not connected internally. Note: TUSB7320 pins B4 and B26 may be
connected to VDDA_3P3 to support a dual-layout option with the TUSB7340.
POWER SIGNALS
VDD33
A3, A34,
A39, A47,
A51
A3, A34,
A39, A47,
A51
PWR
3.3-V I/O power rail
VDDA_3P3
B11, A19,
A21, A25,
B22, A44
B4, B11,
A19, A21,
A25, B22,
B26, A44
PWR
3.3-V analog power rail
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com