Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 84 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 80Page - Texas Instruments TUSB7320 Datasheet HTML 81Page - Texas Instruments TUSB7320 Datasheet HTML 82Page - Texas Instruments TUSB7320 Datasheet HTML 83Page - Texas Instruments TUSB7320 Datasheet HTML 84Page - Texas Instruments TUSB7320 Datasheet HTML 85Page - Texas Instruments TUSB7320 Datasheet HTML 86Page - Texas Instruments TUSB7320 Datasheet HTML 87Page - Texas Instruments TUSB7320 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 122 page
background image
8.2.13 Device Serial Number Register
This read-only register identifies the Device Serial Number for the TUSB73x0. The Device Serial Number is
in the format of an IEEE defined 64-bit extended unique identifier (EUI-64). The EUI-64 consists of TI’s 24-bit
company ID (called an OUI-24) plus a 40 bit extension identifier. TI’s OUI-24 is 080028h and is hardwired into
bits 63:40 of the Device Serial Number Register. The TUSB73x0 has been assigned the range of 00 0000 0000h
to 00 0FFF FFFFh for the 40-bit extension identifier. As such, bits 39:32 of the Device Serial Number Register
are hardwired to 00h, and bits 31:0 of the Device Serial Number Register are defined by a value unique for each
device.
PCI Express Extended Register Offset: 154h
Register type: Read-Only
Default value: 0800 2800 XXXX XXXX h
Table 8-125. Device Serial Number Register
Bit
No.
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
Reset
State
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
Reset
State
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Table 8-126. Bit Descriptions - Device Serial Number Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
63:32
SERIAL_NUM_UPPER
r
Serial Number – Upper DW. The upper DW of the Serial Number is
hardwired to 0800 2800h.
31:0
SERIAL_NUM_LOWER
r
Serial Number – Lower DW. The lower DW of the Serial Number is
unique for each device.
8.3 xHCI Memory Mapped Register Space
8.3.1 The xHCI Register Map
The TUSB73X0 includes xHCI registers in memory mapped register space. These registers are accessible
through the address programmed into the Base Address Register 0/1.
Table 8-127. xHCI Register Map
REGISTER NAME
OFFSET
Host Controller Capability Registers
000h-01Fh
Host Controller Operational Registers
020h-49Fh
Runtime Registers
4A0h-5BFh
Doorbell Registers
5C0h-6C3h
Reserved
6C4-9BFh
xHCI Extended Capabilities Registers
9C0h-9EBh
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
84
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com