Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 43Page - Texas Instruments TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments TUSB7320 Datasheet HTML 46Page - Texas Instruments TUSB7320 Datasheet HTML 47Page - Texas Instruments TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
8.1.24 Power Management Capabilities Register
The read-only register indicates the capabilities of the TUSB73X0 related to PCI power management.
PCI register offset: 42h
Register type: Read-only
Default value: xxx3h
Table 8-31. PCI Register 42h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
x
1
1
1
1
1
1
x
x
x
0
0
0
0
1
1
Table 8-32. Power Management Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:11
PME_SUPPORT
r
PME# support. This five-bit field indicates the power states from which the
TUSB73X0 may assert PME#. If the AUX_DET pin is 1, this field is 11111. If
the AUX_DET pin is 0, this field is 01111.
10
D2_SUPPORT
r
This bit returns a 1 when read, indicating that the function supports the D2
device power state.
9
D1_SUPPORT
r
This bit returns a 1 when read, indicating that the function supports the D1
device power state.
8:6
AUX_CURRENT
r
3.3 Vaux auxiliary current requirements. If the AUX_DET pin is 1, this field is
010. If the AUX_DET pin is 0, this field is 000.
5
DSI
r
Device Specific Initialization. This bit returns 0 when read, indicating that the
TUSB73X0 does not require special initialization beyond the standard PCI
configuration header before a generic class driver is able to use it.
4
RSVD
r
Reserved. Returns zero when read.
3
PME_CLK
r
PME# Clock.
2:0
PM_VERSION
r
Power Mgmt Version. This field returns 3’b011 indicating Rev 1.2
compatibility.
8.1.25 Power Management Control/Status Register
This register determines and changes the current power state of the TUSB73X0.
PCI register offset: 44h
Register type: Read/Write, Read-only
Default value: 0008h
Table 8-33. PCI Register 44h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
Table 8-34. Power Management Control/Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PME_STAT
rc
PME# Status. This bit is sticky and is only reset by a Global Reset.
14:13
DATA_SCALE
r
Data Scale. This 2-bit field returns 0’s when read because the
TUSB73X0 does not use the Data Register.
12:9
DATA_SEL
r
Data Select. This 4-bit field returns 0’s when read because the
TUSB73X0 does not use the Data Register.
8
PME_EN
rw
PME# Enable. This bit is sticky and is only reset by a Global Reset.
7:4
RSVD
r
Reserved. Returns zero when read.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com