Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 103 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 99Page - Texas Instruments TUSB7320 Datasheet HTML 100Page - Texas Instruments TUSB7320 Datasheet HTML 101Page - Texas Instruments TUSB7320 Datasheet HTML 102Page - Texas Instruments TUSB7320 Datasheet HTML 103Page - Texas Instruments TUSB7320 Datasheet HTML 104Page - Texas Instruments TUSB7320 Datasheet HTML 105Page - Texas Instruments TUSB7320 Datasheet HTML 106Page - Texas Instruments TUSB7320 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 122 page
background image
8.3.5 Host Controller Doorbell Registers
The TUSB73X0 supports an array of 65 Doorbell Registers, one for the host controller plus one for each Device
Slot supported. The address of the first Doorbell Register is the address programmed into the Base Address
Register 0 plus the value programmed into the Doorbell Offset.
Doorbell Base register offset: 00h + (04h × Device Slot), where Device Slot = 0 through 64
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 8-178. HC Doorbell Register (Doorbell Base + (04h × Device Slot)), where Device Slot = 0 through
64
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-179. Interrupter Management Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16
DB_STREAM_ID
rw
Doorbell Stream ID. This field returns zeros when read.
15:8
RSVD
r
Reserved. Returns zeros when read.
7:0
DB_TARGET
rw
Doorbell Target. This field returns zeros when read.
8.3.6 xHCI Extended Capabilities Registers
These registers are used for the xHCI Extended Capabilities in the TUSB73X0. The offset in Table 8-180 is
from the xHCI Extended Capabilities Base, which is the address programmed into the Base Address Register
0 plus the value programmed into the xHCI Extended Capabilities Pointer field in the Host Controller Capability
Parameters.
Table 8-180. xHCI Extended Capabilities Register Map
REGISTER NAME
OFFSET
Legacy Support Capability
00h-07h
Reserved
08h-0Fh
xHCI Supported Protocol Capability (USB 2.0)
10h-1Bh
Reserved
1Ch-1Fh
xHCI Supported Protocol Capability (USB 3.0)
20h-2Bh
8.3.6.1 USB Legacy Support Capability Register
This register is used to coordinate the ownership of the host controller between BIOS and the operating system.
xHCI Extended Capabilities Base register offset: 00h
Register type: Read-Only, Read/Write
Default value: 0000 0201h
Table 8-181. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 00h)
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com