Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 14 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 10Page - Texas Instruments CC113LRGPR Datasheet HTML 11Page - Texas Instruments CC113LRGPR Datasheet HTML 12Page - Texas Instruments CC113LRGPR Datasheet HTML 13Page - Texas Instruments CC113LRGPR Datasheet HTML 14Page - Texas Instruments CC113LRGPR Datasheet HTML 15Page - Texas Instruments CC113LRGPR Datasheet HTML 16Page - Texas Instruments CC113LRGPR Datasheet HTML 17Page - Texas Instruments CC113LRGPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
±20
±10
0
10
20
30
40
50
60
±40
±30
±20
±10
0
10
20
30
40
Offset (MHz)
C008
±20
±10
0
10
20
30
40
50
±2.0
±1.5
±1.0
±0.5
0.0
0.5
1.0
1.5
2.0
Offset (MHz)
C009
±20
±10
0
10
20
30
40
50
60
70
±40
±30
±20
±10
0
10
20
30
40
Offset (MHz)
C006
±20
±10
0
10
20
30
40
50
±1.0 ±0.8 ±0.6 ±0.4 ±0.2
0.0
0.2
0.4
0.6
0.8
1.0
Offset (MHz)
C007
±20
±10
0
10
20
30
40
50
60
70
80
±40
±30
±20
±10
0
10
20
30
40
Offset (MHz)
C004
±10
0
10
20
30
40
50
60
±1.0 ±0.8 ±0.6 ±0.4 ±0.2
0.0
0.2
0.4
0.6
0.8
1.0
Offset (MHz)
C005
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
4.12.2 Typical Characteristics, Blocking and Selectivity
Figure 4-4. Typical Blocking at 1.2 kBaud Data Rate, 868.3 MHz,
Figure 4-5. Typical Selectivity at 1.2 kBaud Data Rate, 868.3
GFSK, 5.2 kHz Deviation. IF is 152.3 kHz and the Digital Channel
MHz, GFSK, 5.2 kHz Deviation. IF is 152.3 kHz and the Digital
Filter Bandwidth is 58 kHz
Channel Filter Bandwidth is 58 kHz
Figure 4-6. Typical Blocking at 38.4 kBaud Data Rate, 868 MHz,
Figure 4-7. Typical Selectivity at 38.4 kBaud Data Rate, 868 MHz,
GFSK, 20 kHz Deviation. IF is 152.3 kHz and the Digital Channel
GFSK, 20 kHz Deviation. IF is 152.3 kHz and the Digital Channel
Filter Bandwidth is 100 kHz
Filter Bandwidth is 100 kHz
Figure 4-8. Typical Blocking at 250 kBaud Data Rate, 868 MHz,
Figure 4-9. Typical Selectivity at 250 kBaud Data Rate, 868 MHz,
GFSK, IF is 304 kHz and the Digital Channel Filter Bandwidth is
GFSK, IF is 304 kHz and the Digital Channel Filter Bandwidth is
540 kHz
540 kHz
14
Specifications
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com