Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 27 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 23Page - Texas Instruments CC113LRGPR Datasheet HTML 24Page - Texas Instruments CC113LRGPR Datasheet HTML 25Page - Texas Instruments CC113LRGPR Datasheet HTML 26Page - Texas Instruments CC113LRGPR Datasheet HTML 27Page - Texas Instruments CC113LRGPR Datasheet HTML 28Page - Texas Instruments CC113LRGPR Datasheet HTML 29Page - Texas Instruments CC113LRGPR Datasheet HTML 30Page - Texas Instruments CC113LRGPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
Preamble bits
(1010...1010)
Data Field
Optional CRC-16 Calculation
8 x nbits
16 /32 bits
8
bits
8
bits
8 x n bits
16 bits
Legend:
Processed and removed by the radio.
Optional user-provided fields (processed by the
radio, but not removed)
Unprocessed user data
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.10 Packet Handling Hardware Support
The CC113L has built-in hardware support for packet oriented radio protocols and the packet handler can
be configured to implement the following (if enabled):
•
Preamble detection
•
Sync word detection
•
CRC computation and CRC check
•
One byte address check
•
Packet length check (length byte checked against a programmable maximum length)
Optionally, two status bytes (see Table 5-5 and Table 5-6) with RSSI value and CRC status can be
appended in the RX FIFO.
Table 5-5. Received Packet Status Byte 1 (First Byte Appended After the Data)
Bit
Field Name
Description
7:0
RSSI
RSSI value
Table 5-6. Received Packet Status Byte 2 (Second Byte Appended After the Data)
Bit
Field Name
Description
1: CRC for received data OK (or CRC disabled)
7
CRC_OK
0: CRC error in received data
6:0
Reserved
spacer
NOTE
Register fields that control the packet handling features should only be altered when CC113L
is in the IDLE state.
5.10.1 Packet Format
The format of the data packet can be configured and consists of the following items (see Figure 5-6):
•
Preamble
•
Synchronization word
•
Optional length byte
•
Optional address byte
•
Payload
•
Optional 2 byte CRC
Figure 5-6. Packet Format
The preamble pattern is an alternating sequence of ones and zeros that the receiver uses for bit
synchronisation.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
27
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com