Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 66 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 62Page - Texas Instruments CC113LRGPR Datasheet HTML 63Page - Texas Instruments CC113LRGPR Datasheet HTML 64Page - Texas Instruments CC113LRGPR Datasheet HTML 65Page - Texas Instruments CC113LRGPR Datasheet HTML 66Page - Texas Instruments CC113LRGPR Datasheet HTML 67Page - Texas Instruments CC113LRGPR Datasheet HTML 68Page - Texas Instruments CC113LRGPR Datasheet HTML 69Page - Texas Instruments CC113LRGPR Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.21.3 Status Register Details
Table 5-62. 0x30 (0xF0): PARTNUM - Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
PARTNUM[7:0]
0 (0x00)
R
Chip part number
Table 5-63. 0x31 (0xF1): VERSION - Chip ID
Bit
Field Name
Reset
R/W
Description
7:0
VERSION[7:0]
24 (0x18)
R
Chip version number. Subject to change without notice.
Table 5-64. 0x32 (0xF2): FREQEST - Frequency Offset Estimate from Demodulator
Bit
Field Name
Reset
R/W
Description
The estimated frequency offset (2s complement) of the carrier.
Resolution is FXTAL/2
14 (1.59 - 1.65 kHz); range is ±202 kHz to ±210
kHz, depending on XTAL frequency.
7:0
FREQOFF_EST
R
Frequency offset compensation is only supported for 2-FSK, GFSK,
and 4- FSK modulation. This register will read 0 when using OOK
modulation.
Table 5-65. 0x33 (0xF3): CRC_REG - CRC OK
Bit
Field Name
Reset
R/W
Description
The last CRC comparison matched. Cleared when
7
CRC OK
R
entering/restarting RX mode.
6:0
R
Reserved
Table 5-66. 0x34 (0xF4): RSSI - Received Signal Strength Indication
Bit
Field Name
Reset
R/W
Description
7:0
RSSI
R
Received signal strength indicator
66
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com