Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 62 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 58Page - Texas Instruments CC113LRGPR Datasheet HTML 59Page - Texas Instruments CC113LRGPR Datasheet HTML 60Page - Texas Instruments CC113LRGPR Datasheet HTML 61Page - Texas Instruments CC113LRGPR Datasheet HTML 62Page - Texas Instruments CC113LRGPR Datasheet HTML 63Page - Texas Instruments CC113LRGPR Datasheet HTML 64Page - Texas Instruments CC113LRGPR Datasheet HTML 65Page - Texas Instruments CC113LRGPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
Table 5-47. 0x1B: AGCCTRL2 - AGC Control
Bit
Field Name
Reset
R/W
Description
Reduces the maximum allowable DVGA gain.
Setting
Allowable DVGA settings
0 (00)
All gain settings can be used
7:6
MAX_DVGA_GAIN[1:0]
0 (00)
R/W
1 (01)
The highest gain setting cannot be used
2 (10)
The 2 highest gain settings cannot be used
3 (11)
The 3 highest gain settings cannot be used
Sets the maximum allowable LNA + LNA 2 gain relative to the
maximum possible gain.
Setting
Maximum allowable LNA + LNA 2 gain
0 (000)
Maximum possible LNA + LNA 2 gain
Approximately 2.6 dB below maximum possible
1 (001)
gain
Approximately 6.1 dB below maximum possible
2 (010)
gain
Approximately 7.4 dB below maximum possible
5:3
MAX_LNA_GAIN[2:0]
0 (000)
R/W
3 (011)
gain
Approximately 9.2 dB below maximum possible
4 (100)
gain
Approximately 11.5 dB below maximum
5 (101)
possible gain
Approximately 14.6 dB below maximum
6 (110)
possible gain
Approximately 17.1 dB below maximum
7 (111)
possible gain
These bits set the target value for the averaged amplitude from
the digital channel filter (1 LSB = 0 dB).
Setting
Target amplitude from channel filter
0 (000)
24 dB
1 (001)
27 dB
2 (010)
30 dB
2:0
MAGN_TARGET[2:0]
3 (011)
R/W
3 (011)
33 dB
4 (100)
36 dB
5 (101)
38 dB
6 (110)
40 dB
7 (111)
42 dB
Table 5-48. 0x1C: AGCCTRL1 - AGC Control
Bit
Field Name
Reset
R/W
Description
7
R0
Not used
Selects between two different strategies for LNA and LNA 2 gain
adjustment. When 1, the LNA gain is decreased first. When 0,
6
AGC_LNA_PRIORITY
1
R/W
the LNA 2 gain is decreased to minimum before decreasing LNA
gain.
Sets the relative change threshold for asserting carrier sense
Setting
Carrier sense relative threshold
0 (00)
Relative carrier sense threshold disabled
CARRIER_SENSE_REL_
5:4
0 (00)
R/W
THR[1:0]
1 (01)
6 dB increase in RSSI value
2 (10)
10 dB increase in RSSI value
3 (11)
14 dB increase in RSSI value
62
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com