Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 20 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 16Page - Texas Instruments CC113LRGPR Datasheet HTML 17Page - Texas Instruments CC113LRGPR Datasheet HTML 18Page - Texas Instruments CC113LRGPR Datasheet HTML 19Page - Texas Instruments CC113LRGPR Datasheet HTML 20Page - Texas Instruments CC113LRGPR Datasheet HTML 21Page - Texas Instruments CC113LRGPR Datasheet HTML 22Page - Texas Instruments CC113LRGPR Datasheet HTML 23Page - Texas Instruments CC113LRGPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
NOTE
The minimum tsp,pd figure in Table 5-1 can be used in cases where the user does not read
the CHIP_RDYn signal. CSn low to positive edge on SCLK when the chip is woken from
power- down depends on the start-up time of the crystal being used. The 150
μs in Table 5-1
is the crystal oscillator start-up time measured on SWRR046 and SWRR045 using crystal
AT-41CD2 from NDK.
5.5.1
Chip Status Byte
When the header byte, data byte, or command strobe is sent on the SPI interface, the chip status byte is
sent by the CC 113L113L113L on the SO pin. The status byte contains key status signals, useful for the
MCU. The first bit, s7, is the CHIP_RDYn signal and this signal must go low before the first positive edge
of SCLK. The CHIP_RDYn signal indicates that the crystal is running.
Bits 6, 5, and 4 comprise the STATE value. This value reflects the state of the chip. The XOSC and power
to the digital core are on in the IDLE state, but all other modules are in power down. The frequency and
channel configuration should only be updated when the chip is in this state.
The last four bits (3:0) in the status byte contains FIFO_BYTES_AVAILABLE. For these bits to give any
valid information, the R/W bit in the header byte must be set to 1. The FIFO_BYTES_AVAILABLE field will
then
contain
the
number
of
bytes
that
can
be
read
from
the
RX
FIFO.
When
FIFO_BYTES_AVAILABLE=15, 15 or more bytes can be read. The RX FIFO should not be emptied
before the complete packet has been received (see the CC113L Errata Notes SWRZ038 for more details).
Table 5-2 gives a status byte summary.
Table 5-2. Status Byte Summary
Bits
Name
Description
7
CHIP_RDYn
Stays high until power and crystal have stabilized. Should always be low when using the SPI interface.
Indicates the current main state machine mode
Value
State
Description
IDLE state
000
IDLE
(Also reported for some transitional states instead of
SETTLING or CALIBRATE)
001
RX
Receive mode
010
Reserved
6:4
STATE[2:0]
011
Reserved
100
CALIBRATE
Frequency synthesizer calibration is running
101
SETTLING
PLL is settling
RX FIFO has overflowed. Read out any useful data, then flush
110
RXFIFO_OVERFLOW
the FIFO with SFRX
111
Reserved
FIFO_BYTES_
3:0
The number of bytes available in the RX FIFO
AVAILABLE[3:0]
20
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com