Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 34 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 30Page - Texas Instruments CC113LRGPR Datasheet HTML 31Page - Texas Instruments CC113LRGPR Datasheet HTML 32Page - Texas Instruments CC113LRGPR Datasheet HTML 33Page - Texas Instruments CC113LRGPR Datasheet HTML 34Page - Texas Instruments CC113LRGPR Datasheet HTML 35Page - Texas Instruments CC113LRGPR Datasheet HTML 36Page - Texas Instruments CC113LRGPR Datasheet HTML 37Page - Texas Instruments CC113LRGPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.12.3.1 CS Absolute Threshold
The absolute threshold related to the RSSI value depends on the following register fields:
•
AGCCTRL2.MAX_LNA_GAIN
•
AGCCTRL2.MAX_DVGA_GAIN
•
AGCCTRL1.CARRIER_SENSE_ABS_THR
•
AGCCTRL2.MAGN_TARGET
For given AGCCTRL2.MAX_LNA_GAIN and AGCCTRL2.MAX_DVGA_GAIN settings, the absolute
threshold can be adjusted ±7 dB in steps of 1 dB using CARRIER_SENSE_ABS_THR.
The MAGN_TARGET setting is a compromise between blocker tolerance/selectivity and sensitivity. The
value sets the desired signal level in the channel into the demodulator. Increasing this value reduces the
headroom for blockers, and therefore close-in selectivity. It is strongly recommended to use SmartRF
Studio SWRC176 to generate the correct MAGN_TARGET setting. Table 5-11 show the typical RSSI
readout values at the CS threshold at 2.4 kBaud and 250 kBaud data rate respectively. The default reset
value for CARRIER_SENSE_ABS_THR = 0 (0 dB) has been used. MAGN_TARGET = 3 (33 dB) and 7
(42 dB) have been used for 2.4 kBaud and 250 kBaud data rate respectively. For other data rates, the
user must generate similar tables to find the CS absolute threshold.
Table 5-10. Typical RSSI Value in dBm at CS Threshold with MAGN_TARGET = 3
(33 dB) at 2.4 kBaud, 868 MHz
MAX_DVGA_GAIN[1:0]
00
01
10
11
000
–97.5
–91.5
–85.5
–79.5
001
–94
–88
–82.5
–76
010
–90.5
–84.5
–78.5
–72.5
011
–88
–82.5
–76.5
–70.5
MAX_LNA_GAIN[2:0]
100
–85.5
–80
–73.5
–68
101
–84
–78
–72
–66
110
–82
–76
–70
–64
111
–79
–73.5
–67
–61
Table 5-11. Typical RSSI Value in dBm at CS Threshold with MAGN_TARGET = 7
(42 dB) at 250 kBaud, 868 MHz
MAX_DVGA_GAIN[1:0]
00
01
10
11
000
−90.5
−84.5
−78.5
−72.5
001
−88
−82
−76
−70
010
−84.5
−78.5
−72
−66
011
−82.5
−76.5
−70
−64
MAX_LNA_GAIN[2:0]
100
−80.5
−74.5
−68
−62
101
−78
−72
−66
−60
110
−76.5
−70
−64
−58
111
−74.5
−68
−62
−56
34
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com