Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 61 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 57Page - Texas Instruments CC113LRGPR Datasheet HTML 58Page - Texas Instruments CC113LRGPR Datasheet HTML 59Page - Texas Instruments CC113LRGPR Datasheet HTML 60Page - Texas Instruments CC113LRGPR Datasheet HTML 61Page - Texas Instruments CC113LRGPR Datasheet HTML 62Page - Texas Instruments CC113LRGPR Datasheet HTML 63Page - Texas Instruments CC113LRGPR Datasheet HTML 64Page - Texas Instruments CC113LRGPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
Table 5-45. 0x19: FOCCFG - Frequency Offset Compensation Configuration (continued)
Bit
Field Name
Reset
R/W
Description
The saturation point for the frequency offset compensation
algorithm:
Setting
Saturation point (max compensated offset)
0 (00)
±0 (no frequency offset compensation)
1:0
FOC_LIMIT[1:0]
2 (10)
R/W
1 (01)
±BWCHAN/8
2 (10)
±BWCHAN/4
3 (11)
±BWCHAN/2
Frequency offset compensation is not supported for OOK.
Always use FOC_LIMIT=0 with this modulation format.
Table 5-46. 0x1A: BSCFG - Bit Synchronization Configuration
Bit
Field Name
Reset
R/W
Description
The clock recovery feedback loop integral gain to be used
before a sync word is detected (used to correct offsets in data
rate):
Clock recovery loop integral gain before sync
Setting
word
7:6
BS_PRE_KI[1:0]
1 (01)
R/W
0 (00)
KI
1 (01)
2KI
2 (10)
3KI
3 (11)
4KI
The clock recovery feedback loop proportional gain to be used
before a sync word is detected.
Clock recovery loop proportional gain before
Setting
sync word
5:4
BS_PRE_KP[1:0]
2 (10)
R/W
0 (00)
KP
1 (01)
2KP
2 (10)
3KP
3 (11)
4KP
The clock recovery feedback loop integral gain to be used after
a sync word is detected.
Clock recovery loop integral gain after sync
Setting
3
BS_POST_KI
1
R/W
word
0
Same as BS_PRE_KI
1
KI /2
The clock recovery feedback loop proportional gain to be used
after a sync word is detected.
Clock recovery loop proportional gain after sync
Setting
2
BS_POST_KP
1
R/W
word
0
Same as BS_PRE_KP
1
KP
The saturation point for the data rate offset compensation
algorithm:
Data rate offset saturation (max data rate
Setting
difference)
±0 (No data rate offset compensation
1:0
BS_LIMIT[1:0]
0 (00)
R/W
0 (00)
performed)
1 (01)
±3.125 % data rate offset
2 (10)
±6.25 % data rate offset
3 (11)
±12.5 % data rate offset
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
61
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com