Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGPR Datasheet(PDF) 12 Page - Texas Instruments

Part # CC113LRGPR
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC113LRGPR Datasheet HTML 8Page - Texas Instruments CC113LRGPR Datasheet HTML 9Page - Texas Instruments CC113LRGPR Datasheet HTML 10Page - Texas Instruments CC113LRGPR Datasheet HTML 11Page - Texas Instruments CC113LRGPR Datasheet HTML 12Page - Texas Instruments CC113LRGPR Datasheet HTML 13Page - Texas Instruments CC113LRGPR Datasheet HTML 14Page - Texas Instruments CC113LRGPR Datasheet HTML 15Page - Texas Instruments CC113LRGPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
4.8
Frequency Synthesizer Characteristics
TA = 25°C, VDD = 3.0 V if nothing else is stated. All measurement results are obtained using SWRR046 and SWRR045. Min
figures are given using a 27-MHz crystal. Typ and max figures are given using a 26-MHz crystal.
Parameter
Min
Typ
Max
Unit
Condition
Programmed frequency
26- to 27-MHz crystal. The resolution (in Hz) is
397
FXOSC/2
16
412
Hz
resolution
equal for all frequency bands
Given by crystal used. Required accuracy
(including temperature and aging) depends on
Synthesizer frequency tolerance
±40
ppm
frequency band and channel bandwidth /
spacing
RF carrier phase noise
–92
dBc/Hz
at 50 kHz offset from carrier
RF carrier phase noise
–92
dBc/Hz
at 100 kHz offset from carrier
RF carrier phase noise
–92
dBc/Hz
at 200 kHz offset from carrier
RF carrier phase noise
–98
dBc/Hz
at 500 kHz offset from carrier
RF carrier phase noise
–107
dBc/Hz
at 1 MHz offset from carrier
RF carrier phase noise
–113
dBc/Hz
at 2 MHz offset from carrier
RF carrier phase noise
–119
dBc/Hz
at 5 MHz offset from carrier
RF carrier phase noise
–129
dBc/Hz
at 10 MHz offset from carrier
Time from leaving the IDLE state until arriving in
PLL turn-on or hop time
72
75
75
µs
the RX state, when not performing calibration.
(See Table 5-12)
Crystal oscillator running.
PLL calibration time
Calibration can be initiated manually or
685
712
724
µs
(See Table 5-13)
automatically before entering or after leaving RX
4.9
DC Characteristics
TA = 25°C if nothing else stated.
Digital Inputs/Outputs
Min
Max
Unit
Condition
Logic "0" input voltage
0
0.7
V
Logic "1" input voltage
VDD – 0.7
VDD
V
Logic "0" output voltage
0
0.5
V
For up to 4 mA output current
Logic "1" output voltage
VDD – 0.3
VDD
V
For up to 4 mA output current
Logic "0" input current
N/A
–50
nA
Input equals 0 V
Logic "1" input current
N/A
50
nA
Input equals VDD
4.10 Power-On Reset
For proper Power-On-Reset functionality the power supply should comply with the requirements in Section 4.10. Otherwise,
the chip should be assumed to have unknown state until transmitting an SRES strobe over the SPI interface. See
Section 5.13.1, Power-On Start-Up Sequence, for further details.
Parameter
Min
Typ
Max
Unit
Condition
Power-up ramp-up time
5
ms
From 0 V until reaching 1.8 V
Power off time
1
ms
Minimum time between power-on and power-off
4.11 Thermal Characteristics
(1)
NAME
DESCRIPTION
QFN (°C/W)
RθJA
Junction-to-ambient thermal resistance
47
RθJC(top)
Junction-to-case (top) thermal resistance
45
RθJB
Junction-to-board thermal resistance
13.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.12
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
12
Specifications
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com